Electronic Components Datasheet Search
  English  ▼

X  

CMW Datasheet(PDF) 4 Page - DIWELL Electronics Co., Ltd.

Part # CMW
Description  3W-6W WIDE INPUT RANGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CMW Datasheet(HTML) 4 Page - DIWELL Electronics Co., Ltd.

  CMW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DANUBE
http://www.danube.com.tw
2020/05/18
4
 MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
PACKAGE
”C”
PIN
SINGLE
DUAL
1
+Vin
+Vin
3
NP*/Remote NP*/Remote
10
NP
NP
11
NP
Common
12
-Vout
NP
13
+Vout
-Vout
15
NP
+Vout
23
-Vin
-Vin
24
-Vin
-Vin
NOTE:
NP:NO PIN
*If Remote is not selected there is no pin on
corresponding number.
Pin Size is Tolerance 0.6
0Φ ±0.05mm
All dimensions are in mm [inches]
Tolerance . X
or
.XX= ±0.5mm
 Table1 (Remote On/Off Control)
Remote On/Off Control
Control Input
PIN3 Control Common
PIN23&PIN24
Control Voltage
Converter Shutdown Idle Current
10mA
ON
>+2.5VDC or Open Circuit
Logic Compatibility
CMOS or Open
Collector TTL
OFF
<+0.8VDC or Jumper to PIN23&PIN24



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com