Electronic Components Datasheet Search
  English  ▼

X  

CMW Datasheet(PDF) 6 Page - DIWELL Electronics Co., Ltd.

Part # CMW
Description  3W-6W WIDE INPUT RANGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CMW Datasheet(HTML) 6 Page - DIWELL Electronics Co., Ltd.

  CMW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DANUBE
http://www.danube.com.tw
2020/05/18
6
 RECOMMENDED FILTER FOR EN55032
The components used in the under figure, together with the manufacture
’s part numbers for these
components, are as follows:
C1
C2
C3
C4
L1
CMWX-12XXCXT
10uF/50V
10uF/50V
X
X
450uH
Common Choke
CMWS-1205C6T
10uF/50V
10uF/50V
X
470pF/10KV
450uH
Common Choke
CMWS-1212C6T
10uF/50V
10uF/50V
X
470pF/10KV
450uH
Common Choke
CMWX-24XXCXT
4.7uF/100V
4.7uF/100V
X
X
450uH
Common Choke
CMWS-2405C6T
4.7uF/100V
4.7uF/100V
X
470pF/10KV
450uH
Common Choke
 INPUT FUSE SELECTION GUIDE
9-36V
INPUT VOLTAGE(VDC)
18-75V
INPUT VOLTAGE(VDC)
2000mA Slow-Blow Type
1000mA Slow-Blow Type
DC-DC
CONVERTER
+Vin
-Vi n
+Vout
-Vout
OUTPUT
Fuse
INPUT
Note: Certain applications may require the installation of external fuse in front of the input.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com