Electronic Components Datasheet Search
  English  ▼

X  

CMW Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # CMW
Description  3W-6W WIDE INPUT RANGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CMW Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  CMW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DANUBE
http://www.danube.com.tw
2020/05/18
1
FEATURES
Safety Meets EN 60601-1 3rd EDITION
FOR 2 X MOPP
I/O ISOLATION 5000VAC RATED FOR
250VAC WORKING VOLTAGE
CREEPAGE DISTANCE AND
CLEARANCE>8mm
LOW LEAKAGE CURRENT
9-36V,18-75V WIDE INPUT RANGE
RoHS COMPLIANT
3 YEARS WARRANTY
OUTPUT SPECIFICATIONS
INPUT SPECIFICATIONS
Voltage Set-point Accuracy
+/-2% max. Input Voltage Range
4:1 Input Range
Temperature Coefficient
+/-0.05%/°C Input Filter
Pi Network
Ripple & Noise(20MHz BW)1
150mVp-p max. Protection
Fuse Recommended
Line Regulation2
+/-0.5% max. Remote ON/OFF Control
Table 1
Load Regulation3
+/-0.5% max.
GENERAL SPECIFICATIONS
Minimum Load
CMWX-XXXXC3T
20% of Full Load Efficiency
77% min.
CMWX-XXXXC6T
10% of Full Load Isolation Voltage4
5000VAC typ.
Short Circuit Protection
Continuous Isolation Resistance
10
9
ohms min.
Short Circuit Restart
Automatic Isolation Capacitance
20pF typ.
Over Load Protection
150% typ. Reinforced Insulation
Creepage Distances
8mm min.
Transient Response5
500uS max.
Air Clearances
8mm min.
Leakage Current
5uA max.
ENVIRONMENTAL SPECIFICATIONS
Switching Frequency
400KHz typ.
Operating Temperature
-40°C to +71°C MTBF6
>180,000 Hours
Case Temperature
+105°C max. Weight
17g typ.
Storage Temperature
-55°C to +125°C Case Material
Non-Conductive Plastic
Humidity
95% max. Case Size
31.8mm*20.3mm*12.2mm
Cooling
Free-Air Convection Potting Material
Epoxy (UL94V-0)
Radiated Emissions
EN55032 Class A
(with external filter)
ALL SPECIFICATIONS TYPICAL AT NOMINAL LINE, FULL LOAD, AND 25 °C UNLESS OTHERWISE NOTED.
1
Measured with 1uF ceramic capacitor connect to the output pins.
2 High Line to Low Line.
3 Load Regulation is for output load current change from 20% to 100%.
4 6000VDC for 1 minute .
5 25% Step Load Change.
6 MIL-HDBK-217F @25 °C, Ground Benign.
CMW SERIES
3W-6W WIDE INPUT RANGE


Similar Part No. - CMW

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
CMW AITSEMI-CMW Datasheet
377Kb / 4P
COMMON MODE CHOKE
logo
Sensata Technologies, I...
CMW SENSATA-CMW Datasheet
225Kb / 3P
CLEAN, COMPACT POWER ON THE GO
Rev: 07/20/19
logo
Chicago Miniature Lamp,...
CMW01G CML-CMW01G Datasheet
43Kb / 2P
T-1 StatusPak Circuit Board Indicators
CMW01H CML-CMW01H Datasheet
43Kb / 2P
T-1 StatusPak Circuit Board Indicators
CMW01R CML-CMW01R Datasheet
43Kb / 2P
T-1 StatusPak Circuit Board Indicators
More results

Similar Description - CMW

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Delta Electronics, Inc.
DG06S DELTA-DG06S Datasheet
217Kb / 4P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DR06S2403A DELTA-DR06S2403A Datasheet
228Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
DS06S2403A DELTA-DS06S2403A Datasheet
247Kb / 5P
6W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
logo
Toppower Electronic Tec...
TP03DA TOPPOWER-TP03DA Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DB TOPPOWER-TP03DB Datasheet
200Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DA-3KVDC TOPPOWER-TP03DA-3KVDC Datasheet
198Kb / 4P
3W Wide Range Input Voltage DC/DC Converters
TP03DA TOPPOWER-TP03DA_19 Datasheet
265Kb / 4P
3W 1.5KVDC Isolated Wide Range Input Voltage DC/DC Converters
logo
DIWELL Electronics Co.,...
CW DIWELL-CW Datasheet
262Kb / 24P
3W-6W WIDE INPUT RANGE
2013/9/6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com