Electronic Components Datasheet Search
  English  ▼

X  

CMW Datasheet(PDF) 5 Page - DIWELL Electronics Co., Ltd.

Part # CMW
Description  3W-6W WIDE INPUT RANGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CMW Datasheet(HTML) 5 Page - DIWELL Electronics Co., Ltd.

  CMW Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CMW Datasheet HTML 7Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DANUBE
http://www.danube.com.tw
2020/05/18
5
 SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
DUAL OUTPUT
 TYPICAL APPLICATIONS
SINGLE OUTPUT
DUAL OUTPUT
LOAD
INPUT
+Vin
OUTPUT
-Vout
+Vout
-Vin
DC-DC
CONVERTER
+Vout
-Vin
-Vout
INPUT
DC-DC
CONVERTER
+Vin
LOAD1
OUTPUT
Common
LOAD2
 TYPICAL PERFORMANCE CURVES
Specifications typical at Ta=25 OC, nominal input voltage, rated output current unless otherwise specified.
OUTPUT LOAD VS EFFICIENCY
TEMPERATURE DERATING
0.0
20.0
40.0
60.0
80.0
100.0
0
20
40
60
80
100
OF RATED LOAD(%)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com