Electronic Components Datasheet Search
  English  ▼

X  

INN3166C Datasheet(PDF) 24 Page - Power Integrations, Inc.

Part # INN3166C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INN3166C Datasheet(HTML) 24 Page - Power Integrations, Inc.

Back Button INN3166C Datasheet HTML 20Page - Power Integrations, Inc. INN3166C Datasheet HTML 21Page - Power Integrations, Inc. INN3166C Datasheet HTML 22Page - Power Integrations, Inc. INN3166C Datasheet HTML 23Page - Power Integrations, Inc. INN3166C Datasheet HTML 24Page - Power Integrations, Inc. INN3166C Datasheet HTML 25Page - Power Integrations, Inc. INN3166C Datasheet HTML 26Page - Power Integrations, Inc. INN3166C Datasheet HTML 27Page - Power Integrations, Inc. INN3166C Datasheet HTML 28Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
Rev. J 11/22
24
InnoSwitch3-CE
www.power.com
Parameter
Symbol
Conditions
SOURCE = 0 V
T
J = -40 °C to 125 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Synchronous Rectifier @ T
J = 25 °C
SR Pin Drive Voltage
V
SR
4.2
4.4
4.6
V
SR Pin Voltage
Threshold
V
SR(TH)
-2.5
0
mV
SR Pin Pull-Up Current
I
SR(PU)
T
J = 25 °C
C
LOAD = 2 nF, fSW = 100 kHz
125
165
195
mA
SR Pin Pull-Down
Current
I
SR(PD)
T
J = 25 °C
C
LOAD = 2 nF, fSW = 100 kHz
87
97
115
mA
Rise Time
t
R
T
J = 25 °C
C
LOAD = 2 nF
See Note B
10-90%
50
ns
Fall Time
t
F
T
J = 25 °C
C
LOAD = 2 nF
See Note B
90-10%
80
ns
Output Pull-Up
Resistance
R
PU
T
J = 25 °C
V
BPS = 4.4 V
I
SR = 10 mA
7.2
8.3
12
W
Output Pull-Down
Resistance
R
PD
T
J = 25 °C
V
BPS = 4.4 V
I
SR = 10 mA
10.0
12.1
13.4
W
NOTES:
A. This parameter is derived from characterization.
B. This parameter is guaranteed by design.
C. To ensure correct current limit it is recommended that nominal 0.47 mF / 4.7 mF capacitors are used. In addition, the BPP capacitor value
tolerance should be equal or better than indicated below across the ambient temperature range of the target application. The minimum and
maximum capacitor values are guaranteed by characterization.
Nominal BPP Pin
Capacitor Value
BPP Capacitor Value Tolerance
Minimum
Maximum
0.47 mF
-60%
+100%
4.7 mF
-50%
N/A
Recommended to use at least 10 V / 0805 / X7R SMD MLCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com