Electronic Components Datasheet Search
  English  ▼

X  

INN3166C Datasheet(PDF) 25 Page - Power Integrations, Inc.

Part # INN3166C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INN3166C Datasheet(HTML) 25 Page - Power Integrations, Inc.

Back Button INN3166C Datasheet HTML 21Page - Power Integrations, Inc. INN3166C Datasheet HTML 22Page - Power Integrations, Inc. INN3166C Datasheet HTML 23Page - Power Integrations, Inc. INN3166C Datasheet HTML 24Page - Power Integrations, Inc. INN3166C Datasheet HTML 25Page - Power Integrations, Inc. INN3166C Datasheet HTML 26Page - Power Integrations, Inc. INN3166C Datasheet HTML 27Page - Power Integrations, Inc. INN3166C Datasheet HTML 28Page - Power Integrations, Inc. INN3166C Datasheet HTML 29Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Rev. J 11/22
25
InnoSwitch3-CE
www.power.com
Drain Voltage (V)
0
100 200 300 400 500 600 700
0.0
1.0
Typical Performance Curves
Figure 21. Maximum Allowable Drain Current vs. Drain Voltage.
Figure 23. C
OSS vs. Drain Voltage.
Figure 22. Output Characteristics.
Figure 24. Drain Capacitance Power.
Figure 25. Breakdown vs. Temperature.
Drain Voltage (V)
1
100
200
300
400
500
600
1
10
1000
100
10000
INN3162
1.00
INN3163
1.40
INN3164
1.95
INN3165
3.20
INN3166
4.80
INN3167
6.10
INN3168
7.65
Scaling Factors:
Drain Voltage (V)
0
100
200
300
400
500
600
0
25
50
75
INN3162
1.00
INN3163
1.40
INN3164
1.95
INN3165
3.20
INN3166
4.80
INN3167
6.10
INN3168
7.65
Scaling Factors:
Switching Frequency = 100 kHz
1.1
1.0
0.9
-50 -25
0
25 50 75 100 125 150
Junction Temperature (
°C)
DRAIN Voltage (V)
0
2
4
6
8
10
TCASE = 25 °C
TCASE = 100 °C
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
INN3162
1.00
INN3163
1.40
INN3164
1.95
INN3165
3.20
INN3166
4.80
INN3167
6.10
INN3168
7.65
Scaling Factors:
Figure 26. SYNCHRONOUS RECTIFIER DRIVE Pin Negative
Voltage.
Time (ns)
500 ns
-0.0
VSR(t)
-0.3
-1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com