Electronic Components Datasheet Search
  English  ▼

X  

INN3166C Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # INN3166C
Description  Off-Line CV/CC QR Flyback Switcher IC with Integrated Primary Switch, Synchronous Rectification and FluxLink Feedback. For Applications up to 65 W
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

INN3166C Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button INN3166C Datasheet HTML 9Page - Power Integrations, Inc. INN3166C Datasheet HTML 10Page - Power Integrations, Inc. INN3166C Datasheet HTML 11Page - Power Integrations, Inc. INN3166C Datasheet HTML 12Page - Power Integrations, Inc. INN3166C Datasheet HTML 13Page - Power Integrations, Inc. INN3166C Datasheet HTML 14Page - Power Integrations, Inc. INN3166C Datasheet HTML 15Page - Power Integrations, Inc. INN3166C Datasheet HTML 16Page - Power Integrations, Inc. INN3166C Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Rev. J 11/22
13
InnoSwitch3-CE
www.power.com
Figure 17. Fast AC Reset Configuration.
Recommendations for Circuit Board Layout
See Figure 18 for a recommended circuit board layout for an
InnoSwitch3-CE based power supply.
Single-Point Grounding
Use a single-point ground connection from the input filter capacitor to
the area of copper connected to the SOURCE pins.
Bypass Capacitors
The PRIMARY BYPASS and SECONDARY BYPASS pin capacitor must
be located directly adjacent to the PRIMARY BYPASS-SOURCE and
SECONDARY BYPASS-SECONDARY GROUND pins respectively and
connections to these capacitors should be routed with short traces.
Primary Loop Area
The area of the primary loop that connects the input filter capacitor,
transformer primary and IC should be kept as small as possible.
Primary Clamp Circuit
A clamp is used to limit peak voltage on the DRAIN pin at turn-off.
This can be achieved by using an RCD clamp or a Zener diode
(~200 V) and diode clamp across the primary winding. To reduce
EMI, minimize the loop from the clamp components to the
transformer and IC.
Thermal Considerations
The SOURCE pin is internally connected to the IC lead frame and
provides the main path to remove heat from the device. Therefore
the SOURCE pin should be connected to a copper area underneath
the IC to act not only as a single point ground, but also as a heat
sink. As this area is connected to the quiet source node, it can be
maximized for good heat sinking without compromising EMI
performance. Similarly for the output SR switch, maximize the PCB
area connected to the pins on the package through which heat is
dissipated from the SR switch.
PI-8407-081617
Secondary
Control IC
SR FET
Primary FET
and Controller
D
V
S
IS
VOUT
BPP
C
S
100 nF
InnoSwitch3-CE
PI-8403-081617
D
V
R1
R2
1N4148
S
IS
VOUT
BPP
InnoSwitch3-CE
+
PI-8404-051818
D
V
R1
R2
6.2 V
S
IS
VOUT
BPP
InnoSwitch3-CE
+
Figure 16. (Top) Line OV Only; (Bottom) Line UV Only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com