Electronic Components Datasheet Search
  English  ▼

X  

TPD7212FN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPD7212FN
Description  Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7212FN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPD7212FN Datasheet HTML 1Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 2Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 3Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 4Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 5Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 6Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 7Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 8Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPD7212FN
2020-07-03
4
© 2020
Toshiba Electronic Devices & Storage Corporation
6. Pin Description
Table 6.1 Pin Description
Pin No.
Symbol
I/O
Pin Description
1
CP2
OUT
Capacitor pin for charge pump
2
NC
-
No-Connect pin.
3
CP1
OUT
Capacitor pin for charge pump
4
NC
-
No-Connect pin.
5
VDD
-
Power supply pin
6
EN
IN
Inhibit pin (high active). Built in pull down resistor (400kΩtyp.).
7
TEST
IN
For internal test. Please connect to GND during normal operation.
8
IN1
IN
Input pin: It controls for UU. Built in pull down resistor (100kΩ typ.).
9
IN2
IN
Input pin: It controls for VU. Built in pull down resistor (100kΩ typ.).
10
IN3
IN
Input pin: It controls for WU. Built in pull down resistor (100kΩ typ.).
11
IN4
IN
Input pin: It controls for UB. Built in pull down resistor (100kΩ typ.).
12
IN5
IN
Input pin: It controls for VB. Built in pull down resistor (100kΩ typ.).
13
IN6
IN
Input pin: It controls for WB. Built in pull down resistor (100kΩ typ.).
14
SGND1
-
Signal block GND pin: shared internally with SGND2.
15
DIAG1
OUT
Diagnosis detection pin. Nch open drain.
16
DIAG2
OUT
Diagnosis detection pin. Nch open drain.
17
NC
-
No-Connect pin.
18
WB
OUT
Drives the power MOSFET connected to the low side of the W phase.
19
VB
OUT
Drives the power MOSFET connected to the low side of the V phase.
20
PGND1
-
Power block GND pin: shared internally with PGND2.
21
UB
OUT
Drives the power MOSFET connected to the low side of the U phase.
22
VDL1
-
Power supply pin for low side drive. Connect to VDL2 pin outside.
23
VDL2
-
Power supply pin for low side drive. Connect to VDL1 pin outside.
24
NC
-
No-Connect pin.
25
VDH
-
Output pin for charge pump.
26
UU
OUT
Drives the power MOSFET connected to the high side of the U phase.
27
PGND2
-
Power block GND pin: shared internally with PGND1.
28
VU
OUT
Drives the power MOSFET connected to the high side of the V phase.
29
WU
OUT
Drives the power MOSFET connected to the high side of the W phase.
30
SGND2
-
Signal block GND pin: shared internally with SGND1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com