Electronic Components Datasheet Search
  English  ▼

X  

TPD7212FN Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TPD7212FN
Description  Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7212FN Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TPD7212FN Datasheet HTML 2Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 3Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 4Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 5Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 6Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 7Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 8Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 9Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
TPD7212FN
2020-07-03
6
© 2020
Toshiba Electronic Devices & Storage Corporation
7.2. Diagnosis of the driver power supply voltage
If at least one of VDH and VDL is abnormal, DIAG2 becomes H. Under some conditions, the low-side output
(UB, VB, WB) goes L.
All of these recover by themselves when the voltage returns to normal.
7.2.1. VDH under voltage detection
If VDH≤VDD+4.5V (Typ.), it is judged as abnormal and DIAG2 becomes H.
7.2.2. VDL under voltage detection
If VDH≤4.5V (typ.), It is judged as abnormal and DIAG2 becomes H.
7.2.3. VDL over voltage detection
If VDL≥18V (Typ.), it is judged as abnormal, and low side output (UB, VB, WB) becomes L and DIAG2
becomes H.
Note1: Driver power supply (VDH and VDL) is boosted by the charge pump. Boost operation will
start with VDD> 4.5V.
Note2: In order to prevent a malfunction, please enter the signal to IN1 to 6 after checking the
DIAG2 = "L".
Figure 7.2 Diagnosis of power supply for driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com