Electronic Components Datasheet Search
  English  ▼

X  

TPD7212FN Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TPD7212FN
Description  Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7212FN Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TPD7212FN Datasheet HTML 1Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 2Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 3Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 4Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 5Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 6Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 7Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 8Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
TPD7212FN
2020-07-03
5
© 2020
Toshiba Electronic Devices & Storage Corporation
7. Operational Description
7.1. Driver power supply voltage characteristic (Charge pump voltage characteristic)
Figure 7.1 Charge pump voltage characteristic
In the graph above, VDH is the charge pump output voltage and the power supply voltage for the high side
driver. VDL is the power supply voltage for the low side driver. This IC generates the VDL voltage from the VDH
voltage by the regulator to keep the VDL voltage constant even when the VDD voltage is low. VDH and VDL have
the following characteristics.
Case1) VDH = 3×(VDD-VF)
VDL = VDH-2V
Case2) VDH = 3×(VDD-VF)
VDL = 12V
Case3) VDH = VDD+12V
VDL = 12V
Case4) VDH = 36V
VDL = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com