Electronic Components Datasheet Search
  English  ▼

X  

TPD7212FN Datasheet(PDF) 16 Page - Toshiba Semiconductor

Part # TPD7212FN
Description  Toshiba Intelligent Power Device Silicon Monolithic Power MOS Integrated Circuit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD7212FN Datasheet(HTML) 16 Page - Toshiba Semiconductor

Back Button TPD7212FN Datasheet HTML 12Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 13Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 14Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 15Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 16Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 17Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 18Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 19Page - Toshiba Semiconductor TPD7212FN Datasheet HTML 20Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
TPD7212FN
2020-07-03
16
© 2020
Toshiba Electronic Devices & Storage Corporation
0
25
50
75
100
125
150
-80
-40
0
40
80
120
160
Junction temperature Tj(℃)
Rpd1 - Tj
V
DD=12V
0
2
4
6
8
10
-80
-40
0
40
80
120
160
Junction temperature Tj(℃)
Rpd2 - Tj
V
DD=12V
0
0.5
1
1.5
2
0
4
8
12
16
20
Supply voltage VDD (V)
RDS(ON)LS - VDD
T
j=25℃
0
0.5
1
1.5
2
-80
-40
0
40
80
120
160
Junction temperature Tj(℃)
RDS(ON)LS - Tj
V
DD=12V
0
0.5
1
1.5
2
2.5
3
0
4
8
12
16
20
Supply voltage VDD (V)
RDS(ON)HS - VDD
T
j=25℃
0
0.5
1
1.5
2
2.5
3
-80
-40
0
40
80
120
160
Junction temperature Tj(℃)
RDS(ON)HS - Tj
V
DD=12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com