Electronic Components Datasheet Search
  English  ▼

X  

48L512 Datasheet(PDF) 2 Page - Microchip Technology

Part # 48L512
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48L512 Datasheet(HTML) 2 Page - Microchip Technology

  48L512 Datasheet HTML 1Page - Microchip Technology 48L512 Datasheet HTML 2Page - Microchip Technology 48L512 Datasheet HTML 3Page - Microchip Technology 48L512 Datasheet HTML 4Page - Microchip Technology 48L512 Datasheet HTML 5Page - Microchip Technology 48L512 Datasheet HTML 6Page - Microchip Technology 48L512 Datasheet HTML 7Page - Microchip Technology 48L512 Datasheet HTML 8Page - Microchip Technology 48L512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 2
48L512/48LM01
General Description
The Microchip Technology Inc. 48L512/48LM01
(48LXXX) serial EERAM has an SRAM memory core
with hidden EEPROM backup. The device can be
treated by the user as a full symmetrical read/write
SRAM. Backup to EEPROM is handled by the device
on any power disrupt, so the user can effectively view
this device as an SRAM that never loses its data.
The device is structured as a 512/1024-Kbit SRAM
with EEPROM backup in each memory cell. The
SRAM
is
organized
as
65,536 x 8
bits
or
131,072 x 8 bits, and uses the SPI serial interface.
The
SPI
bus
uses
three
signal
lines
for
communication: clock input (SCK), data in (SI), and
data out (SO). Access to the device is controlled
through a Chip Select (CS) input, allowing any number
of devices to share the same bus.
The SRAM is a conventional serial SRAM: it allows
symmetrical reads and writes and has no limits on cell
usage. The backup EEPROM is invisible to the user
and cannot be accessed by the user independently.
The device includes circuitry that detects VCC
dropping below a certain threshold, shuts its
connection to the outside environment, and transfers
all SRAM data to the EEPROM portion of each cell for
safe keeping. When VCC returns, the circuitry
automatically returns the data to the SRAM and the
user’s interaction with the SRAM can continue with the
same data set.
Block Diagram
Powering the Device During SRAM to
EEPROM Backup (VCAP)
A small capacitor (typically 47 μF to 100 μF) is required
for the proper operation of the device. This capacitor is
placed between VCAP (pin 3) and the system VSS (see
Normal Device Operation). When power is first applied
to the device, this capacitor is charged to VCC through
the device (see Normal Device Operation). During nor-
mal SRAM operation, the capacitor remains charged to
VCC and the level of system VCC is monitored by the
device. If system VCC drops below a set threshold, the
device interprets this as a power-off or brown-out
event. The device suspends all I/O operation, shuts off
its connection with the VCC pin, and uses the saved
energy in the capacitor to power the device through the
VCAP pin as it transfers all SRAM data to EEPROM
(see Vcc Power-Off Event). On the next power-up of
VCC, the data is transfered back to SRAM, the capaci-
tor is recharged, and the SRAM operation continues.
Normal Device Operation
VCC Power-Off Event
SI
Power
SPI Control Logic
Memory Address
and Data Control
Logic
and Address
VCC
Control
Block
VCAP
Decoder
EEPROM
128K x 8
RECALL
STORE
CS
SO
SCK
64K x 8
SRAM
128K x 8
64K x 8
HOLD
STATUS
Register
V
CC Monitor
Normal
SRAM
Operation
V
CC (pin 8)
V
CAP (pin 3)
C
VCAP
Charged to V
CC
V
SS (pin 4)
System V
CC
SI
SO
CS
SCK
HOLD
System V
SS
Automatic
Backup
SRAM
SRAM to
EEPROM
Transfer
EEPROM
V
CC (pin 8)
System V
CC
SI
SO
CS
SCK
HOLD
V
CAP (pin 3)
C
VCAP
Temporary V
CC
V
SS (pin 4)
System V
SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com