Electronic Components Datasheet Search
  English  ▼

X  

48L512 Datasheet(PDF) 38 Page - Microchip Technology

Part # 48L512
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48L512 Datasheet(HTML) 38 Page - Microchip Technology

Back Button 48L512 Datasheet HTML 32Page - Microchip Technology 48L512 Datasheet HTML 33Page - Microchip Technology 48L512 Datasheet HTML 34Page - Microchip Technology 48L512 Datasheet HTML 35Page - Microchip Technology 48L512 Datasheet HTML 36Page - Microchip Technology 48L512 Datasheet HTML 37Page - Microchip Technology 48L512 Datasheet HTML 38Page - Microchip Technology 48L512 Datasheet HTML 39Page - Microchip Technology 48L512 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 38
48L512/48LM01
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
-X
/XX
Package
Temperature
Range
Device
Device:
48L512 = 512-Kbit SPI Serial EERAM
48LM01 = 1-Mbit SPI Serial EERAM
Tape and Reel
Option:
Blank
= Standard packaging (tube or tray)
T
= Tape and Reel(1)
Temperature
Range:
I= -40
°C to +85°C (Industrial)
Package:
SN
= 8-Lead Plastic Small Outline – Narrow, 3.90 mm
Body SOIC (512K only)
SM
= 8-Lead Plastic Small Outline – Medium, 5.28 mm
Body SOIJ (1M only)
Examples:
a) 48L512T-I/SN =Tape and Reel, Industrial Temp.,
2.7V-3.6V, SOIC Package.
b) 48LM01-I/SM = Industrial Temp., 2.7V-3.6V,
SOIJ Package.
Note 1:
Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes
and is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.
[X]
Tape and Reel
Option
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com