Electronic Components Datasheet Search
  English  ▼

X  

48L512 Datasheet(PDF) 11 Page - Microchip Technology

Part # 48L512
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48L512 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 48L512 Datasheet HTML 7Page - Microchip Technology 48L512 Datasheet HTML 8Page - Microchip Technology 48L512 Datasheet HTML 9Page - Microchip Technology 48L512 Datasheet HTML 10Page - Microchip Technology 48L512 Datasheet HTML 11Page - Microchip Technology 48L512 Datasheet HTML 12Page - Microchip Technology 48L512 Datasheet HTML 13Page - Microchip Technology 48L512 Datasheet HTML 14Page - Microchip Technology 48L512 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 11
48L512/48LM01
4.2
DEVICE OPCODES
4.2.1
SERIAL OPCODE
After the device is selected by driving CS low, the first
byte sent must be the opcode that defines the
operation to be performed.
The 48L512/48LM01 utilizes an 8-bit instruction
register. The list of instructions and their operation
codes are contained in Table 4-1. All instructions,
addresses, and data are transferred with the MSb first
and are initiated with a high-to-low CS transition and
completed with a low-to-high CS transition.
TABLE 4-1:
INSTRUCTION SET FOR 48L512/48LM01
4.2.2
HOLD FUNCTION
The HOLD pin is used to pause the serial
communication with the device without having to stop
or reset the clock sequence. The Hold mode, however,
does not have an effect on the internal write cycle.
Therefore, if a write cycle is in progress, asserting the
HOLD pin will not pause the operation and the write
cycle will continue until it is finished.
The Hold mode can only be entered while the CS pin is
asserted. The Hold mode is activated by asserting the
HOLD pin during the SCK low pulse. If the HOLD pin is
asserted during the SCK high pulse, then the Hold
mode will not be started until the beginning of the next
SCK low pulse. The device will remain in the Hold
mode as long as the HOLD pin and CS pin are
asserted.
While in Hold mode, the SO pin will be in a high-imped-
ance state. In addition, both the SI pin and the SCK pin
will be ignored.
To
end
the
Hold
mode
and
resume
serial
communication, the HOLD pin must be deasserted
during the SCK low pulse. If the HOLD pin is
deasserted during the SCK high pulse, then the Hold
mode will not end until the beginning of the next SCK
low pulse.
If the CS pin is deasserted while the HOLD pin is still
asserted, then any operation that may have been
started will be aborted and the device will reset the
WEL bit in the STATUS register back to the logic ‘0’
state.
Command
Operation Description
Opcode
Address
Bytes
Data
Bytes
Reference
Section
Write Control Commands
WREN
Set Write Enable Latch (WEL)
06h
0000 0110
00
5.1
WRDI
Reset Write Enable Latch (WEL)
04h
0000 0100
00
5.2
SRAM Commands
WRITE
Write to SRAM Array
02h
0000 0010
2/3
1+
8.0
READ
Read from SRAM Array
03h
0000 0011
2/3
1+
7.1
Secure
WRITE
Secure Write to SRAM Array with CRC
12h
0001 0010
2/3
64/128
10.1
Secure
READ
Secure Read from SRAM Array with CRC
13h
0001 0011
2/3
64/128
10.2
STATUS Register Commands
WRSR
Write STATUS Register (SR)
01h
0000 0001
01
6.5
RDSR
Read STATUS Register (SR)
05h
0000 0101
01
6.4
Store/Recall Commands
STORE
Store SRAM data to EEPROM array
08h
0000 1000
00
11.3
RECALL
Copy EEPROM data to SRAM array
09h
0000 1001
00
11.4
Nonvolatile User Space Commands
WRNUR
Write Nonvolatile User Space
C2h
1100 0010
016
9.1
RDNUR
Read Nonvolatile User Space
C3h
1100 0011
016
9.2
Hibernate Commands
Hibernate
Enter Hibernate Mode
B9h
1011 1001
00
12.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com