Electronic Components Datasheet Search
  English  ▼

X  

48L512 Datasheet(PDF) 5 Page - Microchip Technology

Part # 48L512
Description  512-Kbit/1-Mbit SPI Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

48L512 Datasheet(HTML) 5 Page - Microchip Technology

  48L512 Datasheet HTML 1Page - Microchip Technology 48L512 Datasheet HTML 2Page - Microchip Technology 48L512 Datasheet HTML 3Page - Microchip Technology 48L512 Datasheet HTML 4Page - Microchip Technology 48L512 Datasheet HTML 5Page - Microchip Technology 48L512 Datasheet HTML 6Page - Microchip Technology 48L512 Datasheet HTML 7Page - Microchip Technology 48L512 Datasheet HTML 8Page - Microchip Technology 48L512 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2018-2019 Microchip Technology Inc.
DS20006008C-page 5
48L512/48LM01
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
TA = -40°C to +85°C
VCC = 2.7V to 3.6V
Param.
No.
Symbol
Characteristic
Min.
Max.
Units Conditions
1FCLK
Clock Frequency
—
66
MHz
2TCSS
CS Setup Time
6
—
ns
3TCSH
CS Hold Time
6
—
ns
4TCSD
CS Disable Time
7
—
ns
5TSU
Data Setup Time
4
—
ns
6THD
Data Hold Time
4
—
ns
7TR
CLK Rise Time
—
100
ns
Note 1
8TF
CLK Fall Time
—
100
ns
Note 1
9THI
Clock High Time
7
—
ns
10
TLO
Clock Low Time
7
—
ns
11
TCLD
Clock Delay Time
7
—
ns
12
TCLE
Clock Enable Time
3
—
ns
13
TV
Output Valid from Clock Low
—
10
ns
14
THO
Output Hold Time
0
—
ns
Note 1
15
TDIS
Output Disable Time
—
20
ns
Note 1
16
THZ
HOLD Low to Output High Z
—
10
ns
Note 1
17
THV
HOLD High to Output Valid
—
10
ns
18
THS
HOLD Setup Time
0
ns
19
THH
HOLD Hold Time
5
ns
20
TRESTORE Power-up AutoRecall/Hibernation
Wake-up Operation Duration
—
200
μs
21
TRECALL
SW Recall Operation Duration
—
50
μs
22
TSTORE
Store Operation Duration
—
10
ms
23
TVRISE
VCC Rise Rate
30
—
μs/V
Note 1
24
TvFALL
VCC Fall Rate
30
—
μs/V
Note 1
25
Endurance
100,000
—
Store
Cycles
Note 1
26
Retention
100
—
Years At 55°C
10
—
Years At 85°C
Note 1:
This parameter is not tested but ensured by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com