Electronic Components Datasheet Search
  English  ▼

X  

SST26WF040B Datasheet(PDF) 20 Page - Microchip Technology

Part # SST26WF040B
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040B Datasheet(HTML) 20 Page - Microchip Technology

Back Button SST26WF040B Datasheet HTML 16Page - Microchip Technology SST26WF040B Datasheet HTML 17Page - Microchip Technology SST26WF040B Datasheet HTML 18Page - Microchip Technology SST26WF040B Datasheet HTML 19Page - Microchip Technology SST26WF040B Datasheet HTML 20Page - Microchip Technology SST26WF040B Datasheet HTML 21Page - Microchip Technology SST26WF040B Datasheet HTML 22Page - Microchip Technology SST26WF040B Datasheet HTML 23Page - Microchip Technology SST26WF040B Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 20
 2014-2017 Microchip Technology Inc.
FIGURE 5-10:
BACK-TO-BACK SPI QUAD I/O READ SEQUENCES WHEN M[7:0] = AXH
5.9
Set Burst
The Set Burst command specifies the number of bytes
to be output during a Read Burst command before the
device wraps around. It supports both SPI and SQI pro-
tocols. To set the burst length the host drives CE# low,
sends the Set Burst command cycle (C0H) and one
data cycle, then drives CE# high. After power-up or
reset, the burst length is set to eight Bytes (00H). See
Table 5-2 for burst length data and Figures 5-11 and 5-
12 for the sequences.
FIGURE 5-11:
SET BURST LENGTH SEQUENCE (SQI)
A20 A16 A12 A8 A4 A0 M4 M0
CE#
SIO0
SCK
01
9 10
5
23
4
20005283 F50.2
b4 b0
SIO1
SIO2
SIO3
Address
Data
Byte 0
Dummy
8
67
12
11
13
b4 b0
Set
Mode
MSN LSN
b4 b0
X
X X
X
A21 A17 A13 A9 A5 A1 M5 M1
b5 b1 b5 b1
b5 b1
X
X X
X
A22 A18 A14 A10 A6 A2 M6 M2
b6 b2 b6 b2
b6 b2
X
X X
X
A23 A19 A15 A11 A7 A3 M7 M3
b7 b3 b7 b3
b7 b3
X
X X
X
Data
Byte
N
Data
Byte
N+1
Note: MSN= Most
TABLE 5-2:
BURST LENGTH DATA
Burst Length
High Nibble (H0)
Low Nibble (L0)
8 Bytes
0h
0h
16 Bytes
0h
1h
32 Bytes
0h
2h
64 Bytes
0h
3h
20005283 F32.0
MODE 3
0
1
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
23
H0 L0
MSN LSN
Note: MSN = Most Significant Nibble,
LSN = Least Significant Nibble, C[1:0] = C0H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com