Electronic Components Datasheet Search
  English  ▼

X  

SST26WF040B Datasheet(PDF) 44 Page - Microchip Technology

Part # SST26WF040B
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040B Datasheet(HTML) 44 Page - Microchip Technology

Back Button SST26WF040B Datasheet HTML 40Page - Microchip Technology SST26WF040B Datasheet HTML 41Page - Microchip Technology SST26WF040B Datasheet HTML 42Page - Microchip Technology SST26WF040B Datasheet HTML 43Page - Microchip Technology SST26WF040B Datasheet HTML 44Page - Microchip Technology SST26WF040B Datasheet HTML 45Page - Microchip Technology SST26WF040B Datasheet HTML 46Page - Microchip Technology SST26WF040B Datasheet HTML 47Page - Microchip Technology SST26WF040B Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 44
 2014-2017 Microchip Technology Inc.
7.0
DC CHARACTERISTICS
TABLE 7-1:
DC OPERATING CHARACTERISTICS (VDD = 1.65V–1.95V)
Symbol
Parameter
Limits
Test Conditions
Min
Typ
Max
Units
IDDR1
Read Current
8
10
mA
VDD=VDD Max,
CE#=0.1 VDD/0.9 VDD@40 MHz,
SO=open
IDDR2
Read Current
20
mA
VDD = VDD Max,
CE#=0.1 VDD/0.9 VDD@104 MHz,
SO=open
IDDW
Program and Erase Cur-
rent
25
mA
VDD Max
ISB
Standby Current
10
40
µA
CE#=VDD, VIN=VDD or VSS
IDPD
Deep Power-down Cur-
rent
1.8
5
µA
CE#=VDD, VIN=VDD or VSS
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
1
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.3
V
VDD=VDD Min
VIH
Input High Voltage
0.7 VDD
VVDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH=-100 µA, VDD=VDD Min
TABLE 7-2:
CAPACITANCE (TA = 25°C, F=1 MHZ, OTHER PINS OPEN)
Parameter
Description
Test Condition
Maximum
COUT1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Output Pin Capacitance
VOUT = 0V
8 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
TABLE 7-3:
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
100,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
TABLE 7-4:
WRITE TIMING PARAMETERS (VDD = 1.65V–1.95V)
Symbol
Parameter
Minimum
Maximum
Units
TSE
Sector-Erase
25
ms
TBE
Block-Erase
25
ms
TSCE
Chip-Erase
50
ms
TPP
Page-Program
1.5
ms
TPSID
Program Security-ID
1.5
ms
TWS
Write-Suspend Latency
25
µs
TWpen
Write-Protection Enable Bit Latency
25
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com