Electronic Components Datasheet Search
  English  ▼

X  

SST26WF040B Datasheet(PDF) 48 Page - Microchip Technology

Part # SST26WF040B
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040B Datasheet(HTML) 48 Page - Microchip Technology

Back Button SST26WF040B Datasheet HTML 44Page - Microchip Technology SST26WF040B Datasheet HTML 45Page - Microchip Technology SST26WF040B Datasheet HTML 46Page - Microchip Technology SST26WF040B Datasheet HTML 47Page - Microchip Technology SST26WF040B Datasheet HTML 48Page - Microchip Technology SST26WF040B Datasheet HTML 49Page - Microchip Technology SST26WF040B Datasheet HTML 50Page - Microchip Technology SST26WF040B Datasheet HTML 51Page - Microchip Technology SST26WF040B Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 48
 2014-2017 Microchip Technology Inc.
9.0
PACKAGING DIAGRAMS
B
A
0.15 C
0.15 C
D2
E2
8 X b
0.10
C A B
0.05
C
(DATUM B)
(DATUM A)
C
SEATING
PLANE
NOTE 1
2X
BOTTOM VIEW
Microchip Technology Drawing C04-210B Sheet 1 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
N
0.10
C A B
0.10
C A B
A3
0.10 C
0.08 C
A1
D
E
NOTE 1
2X
A
12
12
e
SEE DETAIL A
SIDE VIEW
TOP VIEW
N
K
8-Lead Plastic Very, Very Thin Small Outline No-Lead (MF) - 5x6 mm Body [WDFN]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com