Electronic Components Datasheet Search
  English  ▼

X  

SST26WF040B Datasheet(PDF) 74 Page - Microchip Technology

Part # SST26WF040B
Description  1.8V 4 Mbit and 8 Mbit Serial Quad I/O (SQI) Flash Memory
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26WF040B Datasheet(HTML) 74 Page - Microchip Technology

Back Button SST26WF040B Datasheet HTML 70Page - Microchip Technology SST26WF040B Datasheet HTML 71Page - Microchip Technology SST26WF040B Datasheet HTML 72Page - Microchip Technology SST26WF040B Datasheet HTML 73Page - Microchip Technology SST26WF040B Datasheet HTML 74Page - Microchip Technology SST26WF040B Datasheet HTML 75Page - Microchip Technology SST26WF040B Datasheet HTML 76Page - Microchip Technology SST26WF040B Datasheet HTML 77Page - Microchip Technology SST26WF040B Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 96 page
background image
SST26WF040B/040BA SST26WF080B/080BA
DS20005283C-page 74
 2014-2017 Microchip Technology Inc.
Memory Organization/Block Protection Bit Mapping 1
24CH
A7:A0
02H
Section 1: Sector Type Number:
Sector type in JEDEC Parameter Table (bottom, 8 KByte)
24DH
A15:A8
02H
Section 1 Number of Sectors
Four of 8KB blocks (2n)
24EH
A23:A16
FFH
Section 1 Block Protection Bit Start
((2m) +1)+ c, c=FFH or -1, m= 3 for 4 Mb
Address bits are Read Lock bit locations and Even Address bits are
Write Lock bit locations. The most significant (left-most) bit indicates
the sign of the integer; it is sometimes called the sign bit. If the sign bit
is zero, then the number is greater than or equal to zero, or positive. If
the sign bit is one then the number is less than zero or negative.
24FH
A31:A24
06H
Section 1 (bottom) Block Protection Bit End
((2m) +1)+ c, c=06H or 6, m= 3 for 4 Mb
Address bits are Read Lock bit locations and Even Address bits are
Write Lock bit locations. The most significant (left-most) bit indicates
the sign of the integer; it is sometimes called the sign bit. If the sign bit
is zero, then the number is greater than or equal to zero, or positive. If
the sign bit is one then the number is less than zero or negative.
250H
A7:A0
03H
Section 2: Sector Type Number
Sector type in JEDEC Parameter Table (32 KByte Block)
251H
A15:A8
00H
Section 2 Number of Sectors
One of 32 KByte Block (2n, n=0)
252H
A23:A16
FDH
Section 2 Block Protection Bit Start
((2m) +1)+ c, c=FDH or -3, m= 3 for 4 Mb
The most significant (left-most) bit indicates the sign of the integer; it is
sometimes called the sign bit. If the sign bit is zero, then the number is
greater than or equal to zero, or positive. If the sign bit is one then the
number is less than zero or negative.
253H
A31:A24
FDH
Section 2 Block Protection Bit End
((2m) +1)+ c, c=FDH or -3, m= 3 for 4 Mb
The most significant (left-most) bit indicates the sign of the integer; it is
sometimes called the sign bit. If the sign bit is zero, then the number is
greater than or equal to zero, or positive. If the sign bit is one then the
number is less than zero or negative.
254H
A7:A0
04H
Section 3: Sector Type Number
Sector type in JEDEC Parameter Table (64 KByte Block)
255H
A15:A8
03H
Section 3 Number of Sectors
Thirty of 64 KByte Block (2n-2, n= 3)
256H
A23:A16
00H
Section 3 Block Protection Bit Start
Section 3 Block Protection Bit starts at 00H
257H
A31:A24
FCH
Section 3 Block Protection Bit End
((2m) +1)+ c, c=FCH or -4, m= 3 for 4 Mb
258H
A7:A0
03H
Section 4: Sector Type Number
Sector type in JEDEC Parameter Table (32 KByte Block)
259H
A15:A8
00H
Section 4 Number of Sectors
One of 32KByte Block (2n, n=0)
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) SST26WF040B/040BA
(CONTINUED) (15 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com