Electronic Components Datasheet Search
  English  ▼

X  

RHA Datasheet(PDF) 2 Page - AVX Corporation

Part # RHA
Description  Radial Leaded Aluminum Hybrid Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RHA Datasheet(HTML) 2 Page - AVX Corporation

  RHA Datasheet HTML 1Page - AVX Corporation RHA Datasheet HTML 2Page - AVX Corporation RHA Datasheet HTML 3Page - AVX Corporation RHA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
60
Radial Leaded Aluminum Hybrid
Electrolytic Capacitors
RHA Series
CAPACITANCE AND RATED VOLTAGE RANGE (FIGURES DENOTES CASE SIZE)
Capacitance
Rated Voltage DC (VR)
µF
Code
16V
25V
35V
40V
50V
63V
80V
100V
125V
10
100
0607
1009
1009
12
120
1009
1009
15
150
0607
1009
1011
18
180
1011
22
220
0809
27
270
0607
33
330
0809
0809, 1009
47
470
0607
1009
56
560
0809
1009
1011
68
680
0607
82
820
1011
100
101
0809
1009
120
121
0607
1011
150
151
0809
1009
220
221
1011
270
271
0809
1009
330
331
1011
470
471
1009
560
561
1011
Released ratings
RATINGS & PART NUMBER REFERENCE
Part No.
Case
Size
Capacitance
(µF)
Rated Voltage
(V)
DCL Max.
(µA)
DF Max.
(%)
ESR Max.
@100kHz (mΩ)
100kHz RMS Current
(mA)
16 Volt
RHA0607121M016*
0607
120
16
19
16
40
1500
RHA0809271M016*
0809
270
16
43
16
26
2000
RHA1009471M016*
1009
470
16
75
16
21
2600
RHA1011561M016*
1011
560
16
90
16
15
3000
25 Volt
RHA0607680M025*
0607
68
25
17
16
45
1400
RHA0809151M025*
0809
150
25
38
16
27
1900
RHA1009271M025*
1009
270
25
68
16
22
2500
RHA1011331M025*
1011
330
25
83
16
16
2900
35 Volt
RHA0607470M035*
0607
47
35
16
16
60
1300
RHA0809101M035*
0809
100
35
35
16
30
1800
RHA1009151M035*
1009
150
35
53
16
23
2400
RHA1011221M035*
1011
220
35
77
16
17
2800
40 Volt
RHA0607270M040*
0607
27
40
11
16
70
1200
RHA0809560M040*
0809
56
40
22
16
32
1700
RHA1009101M040*
1009
100
40
40
16
24
2400
RHA1011121M040*
1011
120
40
48
16
18
2700
50 Volt
RHA0607150M050*
0607
15
50
8
16
80
1200
RHA0809330M050*
0809
33
50
17
16
35
1600
RHA1009560M050*
1009
56
50
28
16
25
2300
RHA1011820M050*
1011
82
50
41
16
19
2600
TDS-ALUM-0016 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com