Electronic Components Datasheet Search
  English  ▼

X  

RHA Datasheet(PDF) 3 Page - AVX Corporation

Part # RHA
Description  Radial Leaded Aluminum Hybrid Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RHA Datasheet(HTML) 3 Page - AVX Corporation

  RHA Datasheet HTML 1Page - AVX Corporation RHA Datasheet HTML 2Page - AVX Corporation RHA Datasheet HTML 3Page - AVX Corporation RHA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
61
RATINGS & PART NUMBER REFERENCE
Part No.
Case
Size
Capacitance
(µF)
Rated Voltage
(V)
DCL Max.
(µA)
DF Max.
(%)
ESR Max.
@100kHz (mΩ)
100kHz RMS Current
(mA)
63 Volt
RHA0607100M063*
0607
10
63
6
16
100
1000
RHA0809220M063*
0809
22
63
14
16
40
1500
RHA0809330M063*
0809
33
63
21
16
40
1500
RHA1009330M063*
1009
33
63
21
16
30
2100
RHA1009470M063*
1009
47
63
30
16
30
2100
RHA1011560M063*
1011
56
63
35
16
22
2400
80 Volt
RHA1009120M080*
1009
12
80
10
16
70
1600
RHA1009150M080*
1009
15
80
12
16
70
1600
RHA1011180M080*
1011
18
80
14
16
50
1800
100 Volt
RHA1009100M100*
1009
10
100
10
16
80
1400
RHA1009120M100*
1009
12
100
12
16
80
1400
RHA1011150M100*
1011
15
100
15
16
60
1600
125 Volt
RHA1009100M125*
1009
10
125
13
16
90
1200
* Used to denote packing type: “K” for Ammo Pack or “B” for Bulk.
All technical data relates to an ambient temperature of +25C. Capacitance and DF are measured at 120Hz, 0.5RMS with DC bias of 2.2 volts. DCL is measured at rated voltage after 5 minutes
FREQUENCY COEFFICIENT OF PERMISSIBLE RIPPLE CURRENT
Capacitance Range
100
≦F(Hz)<1K 1K≦F(Hz)<10K 10K≦F(Hz)<100K 100K≦F
4.7 < C
≦33
0.05
0.32
0.67
1.00
33 < C
0.10
0.35
0.70
1.00
Internal heating produced by ripple current will reduce the lifetime of capacitors, at a rate of halving the lifetime with every 5°C rise.
When long life performance is required in actual use the rms ripple current should be minimized.
QUALIFICATION TABLE
Test
RHA Series (Temperature Range -55°C to +105°C)
Condition
Characteristics
Endurance
The following specifications shall be satisfied when
the capacitors are restored to 20℃ after
the rated voltage is applied for 5000 to 10,000 hours
at 105℃.
Φ6.3=5000hrs, D
≧Φ8=10,000hrs.
Visual examination
no visible damage
ΔC/C
≦±30%oftheinitiallimit
DF:
≦200%oftheinitialspecifiedlimit
ESR:
≦200%oftheinitialspecifiedlimit
DCL:
≦Initialspecifiedlimit
Damp Heat (Steady
State)
The following specifications shall be satisfied when
the capacitors are restored to 20℃ after subjecting
them to store at 60℃, 90 to 95% RH for 1000 hours,
without DC applied
Visual examination
no visible damage
ΔC/C
≦±30%oftheinitiallimit
DF:
≦200%oftheinitialspecifiedlimit
ESR:
≦200%oftheinitialspecifiedlimit
DCL:
≦Initialspecifiedlimit
Surge Voltage
The capacitors shall be subjected to 1000 cycles
each consisting of charge with the surge voltages
specified at 15-35℃ for 30 seconds
through a protective resistor (R = 1 kΩ) and
discharge for 5 minutes 30 seconds.
Visual examination
no visible damage
ΔC/C
≦±30%oftheinitiallimit
DF:
≦200%oftheinitialspecifiedlimit
ESR:
≦200%oftheinitialspecifiedlimit
DCL:
≦Initialspecifiedlimit
RHA Series
TDS-ALUM-0016 | Rev 0
Radial Leaded Aluminum Hybrid
Electrolytic Capacitors
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com