Electronic Components Datasheet Search
  English  ▼

X  

RHA Datasheet(PDF) 1 Page - AVX Corporation

Part # RHA
Description  Radial Leaded Aluminum Hybrid Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RHA Datasheet(HTML) 1 Page - AVX Corporation

  RHA Datasheet HTML 1Page - AVX Corporation RHA Datasheet HTML 2Page - AVX Corporation RHA Datasheet HTML 3Page - AVX Corporation RHA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
59
TECHNICAL SPECIFICATIONS
Category Temperature Range:
-55ºC to +105°C
Capacitance Range
At 25°C,120Hz
10μF to 560μF
Capacitance Tolerance:
At 25°C,120Hz
±20%
Surge Voltage:
at 15 - 35°C
Rated voltage x 1.15
Dissipation Factor (%)
Measurement Frequency:
120Hz at 25°C
Please see the ratings and part
number reference table below
Leakage Current:
After 2 minutes at rated
working voltage at 25°C*
I
≦0.01CVor3μA,whicheveris
greater
* Note: In the case of an anomalous reading, re-measure the leakage current after following voltage treatment:
Voltage treatment: DC rated voltage to be applied to the capacitors for 120 minutes at 105°C.
Radial Leaded Aluminum Hybrid
Electrolytic Capacitors
RHA Series
FEATURES
• Low ESR
• Endurance: 105°C, 5000-10,000 hours
• RoHS Compliance
APPLICATIONS
• High Reliability applications
• Base station equipment
LEAD-FREE COMPATIBLE
COMPONENT
Product Type
Aluminum
Series Type
Case Size
See table below
Capacitance Code
µF code: 1st two digits represent significant figures, 3rd digit
represents multiplier (number of zeros to follow)
Tolerance
M = ±20%
HOW TO ORDER
R
HA
1009
471
M
016
K
-
Special
No Code = std
Packaging
K = Ammo Pack
B = Bulk Pack
Rated DC Voltage
016 = 16Vdc
025 = 25Vdc
035 = 35Vdc
040 = 40Vdc
050 = 50Vdc
CASE DIMENSIONS millimeters (inches)
Code
D±0.50 (0.020)
L±1.50 (0.060)
d±0.05 (0.002)
P±0.50 (0.020)
0607
6.30 (0.248)
7.20 (0.283)
0.50 (0.020)
2.50 (0.098)
0809
8.00 (0.315)
9.50 (0.374)
0.60 (0.024)
3.50 (0.138)
1009
10.00 (0.394)
9.50 (0.374)
0.60 (0.024)
5.00 (0.197)
1011
10.00 (0.394)
11.50 (0.453)
0.60 (0.024)
5.00 (0.197)
063 = 63Vdc
080 = 80Vdc
100 = 100Vdc
125 = 125Vdc
MARKING
A-PN Code + XXX-ID Code
Polarity
Band
Cathode -
Voltage
(Code as in p/n)
KYOCERA
AVX Logo
Capacitance
(Code as in p/n)
AXXX
471
016
TDS-ALUM-0016 | Rev 0
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.


Similar Part No. - RHA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RHA NICHICON-RHA Datasheet
681Kb / 2P
High Capacitance
logo
RFE international
RHA RFE-RHA Datasheet
2Mb / 3P
Power Resistors
12-11-2020
RHA-100W RFE-RHA-100W Datasheet
2Mb / 3P
Power Resistors
12-11-2020
RHA-10W RFE-RHA-10W Datasheet
2Mb / 3P
Power Resistors
12-11-2020
RHA-250W RFE-RHA-250W Datasheet
2Mb / 3P
Power Resistors
12-11-2020
More results

Similar Description - RHA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VPR881U6R3E1A ETC2-VPR881U6R3E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Cornell Dubilier Electr...
VPR881U6R3E1A CDE-VPR881U6R3E1A Datasheet
157Kb / 4P
Radial Leaded Aluminum Electrolytic
logo
Panasonic Battery Group
EEU-FR1A101B PANASONICBATTERY-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors LCD backlighting
logo
Panasonic Semiconductor
EEU-FR1E331 PANASONIC-EEU-FR1E331 Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REA AVX-REA Datasheet
410Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REF AVX-REF Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
RHD AVX-RHD Datasheet
443Kb / 4P
Radial Leaded Aluminum Hybrid Electrolytic Capacitors
Rev 0
RPA AVX-RPA Datasheet
344Kb / 4P
Radial Leaded Aluminum Conductive Polymer Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com