Electronic Components Datasheet Search
  English  ▼

X  

RHA Datasheet(PDF) 4 Page - AVX Corporation

Part # RHA
Description  Radial Leaded Aluminum Hybrid Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RHA Datasheet(HTML) 4 Page - AVX Corporation

  RHA Datasheet HTML 1Page - AVX Corporation RHA Datasheet HTML 2Page - AVX Corporation RHA Datasheet HTML 3Page - AVX Corporation RHA Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
62
STORAGE
1. It is recommended to keep capacitors between the ambient temperatures of 5°C to 35°C and a relative humidity of 75% or below.
2. Confirm that the environment does not have any of the following conditions:
• Damp conditions such as water, saltwater spray, or oil spray or fumes. High humidity or humidity condensation situations.
• In an atmosphere filled with toxic gasses (such as hydrogen sulfide, sulfurous acid, nitrous acid, chlorine, ammonia, etc.).
• Being exposed to direct sunlight, ozone, ultraviolet ray, or radiation.
• Being exposed to acidic or alkaline solutions.
• Under severe conditions where vibration and / or mechanical shock exceed the applicable ranges of the specification.
3.
Category
Description
Storage Life
Mid-High Voltage
160V and above 2yrs, after 1yr, needs to check characteristics, if NG, needs to do aging
Low Voltage
120V and below 2yrs
Remark: Re-aging condition depends on its own spec.
PACKAGE TAPE DIMENSIONS units (mm)
AMMO PACKING
Ammo Pack
Size Code
W±5
L±5
H±5
Qty.
(pcs)
G.W.
kg/box
Box
/Carton
0607
235
327
54
1,500
1.12
10
0809
265
327
51
1,000
1.48
10
1009-1011
235
330
57
600
1.29
10
BULK PACKING
Package Box
Size Code
Bags Inner box
Layer Quantity
Quantity (pcs/bag)
Total quantity (pcs/
carton)
0607
9
2
1000
18,000
0809
10
2
500
10,000
1009-1011
11
2
200
4400
RHA Series
TDS-ALUM-0016 | Rev 0
Radial Leaded Aluminum Hybrid
Electrolytic Capacitors
– aluminum capacitors –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com