Electronic Components Datasheet Search
  English  ▼

X  

INA232 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 1 Page - Texas Instruments

  INA232 Datasheet HTML 1Page - Texas Instruments INA232 Datasheet HTML 2Page - Texas Instruments INA232 Datasheet HTML 3Page - Texas Instruments INA232 Datasheet HTML 4Page - Texas Instruments INA232 Datasheet HTML 5Page - Texas Instruments INA232 Datasheet HTML 6Page - Texas Instruments INA232 Datasheet HTML 7Page - Texas Instruments INA232 Datasheet HTML 8Page - Texas Instruments INA232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
1 Features
• High-side or low-side current sensing
• Operates from a 1.7-V to 5.5-V power supply
• Reports current, voltage and power
• Programmable full scale range: 20mV / 80mV
• Input common mode range: –0.3 V to 48 V
• Current monitoring accuracy:
– 16-bit ADC resolution
– 0.3% gain error (maximum)
– 50-µV offset (maximum)
• Low input bias current: 10 nA (maximum)
• Configurable averaging options
• General call addressing allows conversion
synchronization among devices
• Alert limits for over and under current events
• 1.2-V compliant I2C, SMBus interface
• Two device address options with four pin
selectable address
• SOT23-8 Package
• Operating temperature: –40°C and +125°C
2 Applications
• Smart speakers
• Battery chargers
• Power management
• Battery cell monitors and balancers
• Rack servers
3 Description
The INA232 device is a 16-bit digital current monitor
with an I2C/SMBus-compatible interface that is
compliant with a wide range of digital bus voltages
such as 1.2 V, 1.8 V, 3.3 V, and 5.0 V. The device
monitors the voltage across an external sense resistor
and reports values for current, bus voltage, and
power.
The INA232 features programmable ADC conversion
times and averaging. The device also has a
programmable calibration value with an internal
multiplier that enables direct readouts of current in
amperes and power in watts. The device monitors
the bus voltage present on the IN– pin and can
alert on over/under current as well as over/under
voltage conditions. High input impedance while in
current measurement mode allows use of larger
current sense resistors needed to measure small
value system currents.
The INA232 senses current on common-mode bus
voltages that can vary from –0.3 V to 48 V,
independent of the supply voltage. The device
operates from a single 1.7-V to 5.5-V supply, drawing
a typical supply current of 300 µA in normal operation.
The device can be placed in a low-power standby
mode where the typical operating current is 2.2 µA.
Package Information(1)
PART NUMBER(2)
PACKAGE
BODY SIZE (NOM)
INA232
SOT-23 (8)
1.60 mm × 2.90 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
(2)
The INA232 is available in A and B device address options.
See Table 7-1 for address differences between the A and B
devices.
Current Register
I
2C-, SMBus-,
Compatible
Interface
Voltage Register
GND
ADC
V
I
A0
ALERT
SDA
SCL
C
0.1 µF
BYPASS
High-
Side
Shunt
Low-
Side
Shunt
Load
Alert Register
VS
Supply Voltage
(1.7 V to 5.5 V)
Bus Voltage
(-0.3 V to 48 V)
IN-
TI Device
IN+
Power Register
x
High-Side or Low-Side Sensing Application
INA232
SBOSAA2 – DECEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA232 TI-INA232 Datasheet
1Mb / 32P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
INA232 TI-INA232 Datasheet
1Mb / 39P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
INA2321 TI-INA2321 Datasheet
325Kb / 18P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Burr-Brown (TI)
INA2321 BURR-BROWN-INA2321 Datasheet
500Kb / 21P
microPower, Single-Supply, CMOS Instrumentation Amplifier
logo
Texas Instruments
INA2321 TI2-INA2321 Datasheet
609Kb / 25P
microPower, Single-Supply, CMOS Instrumentation Amplifier
REVISED JANUARY 2006
More results

Similar Description - INA232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA234 TI-INA234 Datasheet
1Mb / 33P
INA234 28-V, 12-Bit, Current, Voltage, and Power Monitor with an I2C Interface
INA236 TI-INA236 Datasheet
1Mb / 32P
INA236 48-V, 16-Bit, High-Precision, Current, Voltage, and Power Monitor with an I2C Interface
INA234 TI-INA234_V01 Datasheet
2Mb / 42P
INA234 28-V, 12-Bit, Current, Voltage, and Power Monitor With an I2C Interface
INA236 TI-INA236_V01 Datasheet
2Mb / 40P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
INA232 TI-INA232 Datasheet
1Mb / 32P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
INA236 TI-INA236_V02 Datasheet
1Mb / 43P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA236 TI-INA236_V03 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA236 TI-INA236_V04 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
INA232 TI-INA232_V02 Datasheet
1Mb / 39P
INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
DECEMBER 2022
INA236 TI-INA236_V05 Datasheet
1Mb / 44P
INA236 48-V, 16-Bit, Ultra-Precise, Current, Voltage, and Power Monitor With an I2C Interface
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com