Electronic Components Datasheet Search
  English  ▼

X  

INA232 Datasheet(PDF) 24 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA232 Datasheet HTML 20Page - Texas Instruments INA232 Datasheet HTML 21Page - Texas Instruments INA232 Datasheet HTML 22Page - Texas Instruments INA232 Datasheet HTML 23Page - Texas Instruments INA232 Datasheet HTML 24Page - Texas Instruments INA232 Datasheet HTML 25Page - Texas Instruments INA232 Datasheet HTML 26Page - Texas Instruments INA232 Datasheet HTML 27Page - Texas Instruments INA232 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
The RSHUNT term is the resistance value of the external shunt used to develop the differential voltage across the
IN+ and IN– pins. Use Equation 1 for ADCRANGE = 0. For ADCRANGE = 1, the value of SHUNT_CAL must be
divided by 4.
SHUNT_CAL =
0.00512
Current_LSB × RSHUNT
(1)
where
• 0.00512 is an internal fixed value used to ensure scaling is maintained properly.
• CURRENT_LSB is a selected value for the current step size in amperes. Must be greater than or equal to
CURRENT_LSB (minimum), but less than 8 x CURRENT_LSB(minimum) to reduce resolution loss.
• The value of SHUNT_CAL must be divided by 4 for ADCRANGE = 1.
(2)
Note that the current is calculated following a shunt voltage measurement based on the value set in the
SHUNT_CAL register. If the value loaded into the SHUNT_CAL register is zero, the current value reported
through the CURRENT register is also zero.
After programming the SHUNT_CAL register with the calculated value, the measured current in Amperes can be
read from the CURRENT register. Use Equation 3 to calculate the final value scaled by the CURRENT_LSB:
Current [A] = CURRENT_LSB x CURRENT
(3)
where
• CURRENT is the value read from the CURRENT register
The power value can be read from the POWER register as a 16-bit value. Use Equation 4 to convert the power
to Watts:
Power [W] = 32 x CURRENT_LSB x POWER
(4)
where
• POWER is the value read from the POWER register.
• CURRENT_LSB is selected value for the lsb size of the current calculation used in Equation 1.
Refer to Detailed Design Procedure for a design example using these equations.
8.1.3 ADC Output Data Rate and Noise Performance
The INA232 noise performance and effective resolution depend on the ADC conversion time. The device
also supports digital averaging which can further help decrease digital noise. The flexibility of the device to
select ADC conversion time and data averaging offers increased signal-to-noise ratio and achieves the highest
dynamic range with lowest offset. The profile of the noise at lower signals levels is dominated by the system
noise that is comprised mainly of 1/f noise or white noise. The effective resolution of the ADC can be increased
by increasing the conversion time and increasing the number of averages.
Table 8-2 summarizes the output data rate conversion settings supported by the device. The fastest conversion
setting is 140 µs. Typical noise-free resolution is represented as Effective Number of Bits (ENOB) based on
device measured data. The ENOB is calculated based on noise peak-to-peak values, which assures that full
noise distribution is taken into consideration.
INA232
SBOSAA2 – DECEMBER 2022
www.ti.com
24
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com