Electronic Components Datasheet Search
  English  ▼

X  

INA232 Datasheet(PDF) 26 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA232 Datasheet HTML 22Page - Texas Instruments INA232 Datasheet HTML 23Page - Texas Instruments INA232 Datasheet HTML 24Page - Texas Instruments INA232 Datasheet HTML 25Page - Texas Instruments INA232 Datasheet HTML 26Page - Texas Instruments INA232 Datasheet HTML 27Page - Texas Instruments INA232 Datasheet HTML 28Page - Texas Instruments INA232 Datasheet HTML 29Page - Texas Instruments INA232 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
Table 8-2. INA232 Noise Performance (continued)
ADC CONVERSION
TIME PERIOD [µs]
OUTPUT SAMPLE
AVERAGING
[SAMPLES]
OUTPUT SAMPLE PERIOD
[ms]
NOISE-FREE ENOB
(±81.92-mV) (ADCRANGE
= 0)
NOISE-FREE ENOB
(±20.48-mV) (ADCRANGE
= 1)
1100
256
281.6
16.0
16.0
2116
256
541.696
16.0
16.0
4156
256
1063.936
16.0
16.0
8244
256
2110.464
16.0
16.0
140
512
71.68
16.0
15.1
204
512
104.448
16.0
15.7
332
512
169.984
16.0
16.0
588
512
301.056
16.0
16.0
1100
512
563.2
16.0
16.0
2116
512
1083.392
16.0
16.0
4156
512
2127.872
16.0
16.0
8244
512
4220.928
16.0
16.0
140
1024
143.36
16.0
15.7
204
1024
208.896
16.0
16.0
332
1024
339.968
16.0
16.0
588
1024
602.112
16.0
16.0
1100
1024
1126.4
16.0
16.0
2116
1024
2166.784
16.0
16.0
4156
1024
4255.744
16.0
16.0
8244
1024
8441.856
16.0
16.0
8.1.4 Filtering and Input Considerations
Measuring current is often noisy and such noise can be difficult to define. The INA232 offers several options
for filtering by allowing the conversion times and number of averages to be selected independently in the
Configuration register (0h). The conversion times can be set independently for the shunt voltage and bus voltage
measurements to allow added flexibility when configuring the monitoring of the power-supply bus.
The internal ADC is based on a delta-sigma (ΔΣ) front-end with a 500-kHz (±10% maximum) sampling rate.
This architecture has good inherent noise rejection; however, transients that occur at or very close to the
sampling rate harmonics can cause problems. These signals are at 1 MHz and higher and can be managed
by incorporating filtering at the device input. The high frequency enables the use of low-value series resistors
on the filter with negligible effects on measurement accuracy. In general, filtering the device input is only
necessary if there are transients at exact harmonics of the 500 kHz (±10% maximum) sampling rate (greater
than 1 MHz). Filter using the lowest possible series resistance (typically 100 Ω or less) and a ceramic capacitor.
Recommended values for this capacitor are between 0.1 µF and 1 µF. Figure 8-1 shows the device with a filter
added at the input.
INA232
SBOSAA2 – DECEMBER 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com