Electronic Components Datasheet Search
  English  ▼

X  

INA232 Datasheet(PDF) 15 Page - Texas Instruments

Part # INA232
Description  INA232 48-V, 16-Bit, Current, Voltage, and Power Monitor With an I2C Interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA232 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA232 Datasheet HTML 11Page - Texas Instruments INA232 Datasheet HTML 12Page - Texas Instruments INA232 Datasheet HTML 13Page - Texas Instruments INA232 Datasheet HTML 14Page - Texas Instruments INA232 Datasheet HTML 15Page - Texas Instruments INA232 Datasheet HTML 16Page - Texas Instruments INA232 Datasheet HTML 17Page - Texas Instruments INA232 Datasheet HTML 18Page - Texas Instruments INA232 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
Figure 7-2. Noise vs Conversion Time
7.5 Programming
7.5.1 I2C Serial Interface
The INA232 operates only as a target on both the SMBus and I2C interfaces. Connections to the bus are
made through the open-drain SDA and SCL lines. The SDA and SCL pins feature integrated spike suppression
filters and Schmitt triggers to minimize the effects of input spikes and bus noise. Although the device integrates
spike suppression into the digital I/O lines, proper layout techniques help minimize the amount of coupling into
the communication lines. This noise introduction could occur from capacitive coupling signal edges between
the two communication lines themselves or from other switching noise sources present in the system. Routing
traces in parallel with ground in between layers on a printed circuit board (PCB) typically reduces the effects of
coupling between the communication lines. Shielded communication lines reduce the possibility of unintended
noise coupling into the digital I/O lines that could be incorrectly interpreted as start or stop commands.
The INA232 supports the transmission protocol for fast mode up to 400 kHz and high-speed mode up to 2.94
MHz. All data bytes are transmitted most significant byte first and follow the SMBus 3.0 transfer protocol.
To communicate with the INA232, the controller must first address targets through a target address byte. The
target address byte consists of seven address bits and a direction bit that indicates whether the action is to be a
read or write operation.
The INA232 uses a single address pin, A0. Table 7-1 shows possible configurations for A0 and the
corresponding address for both the A and B versions of the device. The INA232 samples the state of the
A0 pin on every bus communication. The pin state for A0 must be established before any activity on the interface
occurs. When connecting the SDA pin to A0 to set the device address, make sure to add an additional hold time
of 100 ns on the MSB of the I2C address to ensure correct device addressing. The A and B device options,
each with four unique addresses, allows users to connect up to eight devices in a system without I2C address
conflicts.
Table 7-1. Address Pins and Target Addresses
A0
INA232A DEVICE OPTION
INA232B DEVICE OPTION
GND
1000000
1001000
VS
1000001
1001001
SDA
1000010
1001010
SCL
1000011
1001011
www.ti.com
INA232
SBOSAA2 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com