Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM2886
Description  6500VRMS Isolated RS485/RS422 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 3Page - Analog Devices LTM2886 Datasheet HTML 4Page - Analog Devices LTM2886 Datasheet HTML 5Page - Analog Devices LTM2886 Datasheet HTML 6Page - Analog Devices LTM2886 Datasheet HTML 7Page - Analog Devices LTM2886 Datasheet HTML 8Page - Analog Devices LTM2886 Datasheet HTML 9Page - Analog Devices LTM2886 Datasheet HTML 10Page - Analog Devices LTM2886 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTM2885
7
Rev. B
For more information www.analog.com
TEMPERATURE (°C)
2.0
0
0.5
1.5
1.0
–0.5
–1.0
2885 G01
125
100
75
50
25
0
–25
–50
Receiver Skew vs Temperature
Driver Skew vs Temperature
Driver Propagation Delay
vs Temperature
TEMPERATURE (°C)
2.0
0
0.5
1.5
1.0
–0.5
–1.0
2885 G02
125
100
75
50
25
0
–25
–50
TEMPERATURE (°C)
80
50
70
65
60
55
75
2885 G03
125
100
75
50
25
0
–25
–50
TYPICAL PERFORMANCE CHARACTERISTICS
Receiver Output Voltage vs
Output Current (Source and Sink)
Receiver Propagation Delay
vs Temperature
RTERM vs Temperature
Driver Output Low/High Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
TEMPERATURE (°C)
130
110
112
114
116
118
120
122
124
126
128
2885 G04
125
100
75
50
25
0
–25
–50
OUTPUT CURRENT (mA)
5.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
2885 G05
70
60
50
40
30
20
10
0
OUTPUT HIGH
OUTPUT LOW
TEMPERATURE (°C)
6
1
0
2
4
3
5
2885 G06
125
100
75
50
25
0
–25
–50
R = ∞
R = 100
R = 54
TA = 25°C, VCC = 5.0V, VL = 3.3V unless
otherwise noted.
OUTPUT CURRENT (mA)
4
1
0
2
3
2885 G07
5
4
3
2
1
0
SINK
SOURCE
TEMPERATURE (°C)
120
115
110
105
100
95
90
2885 G08
125
100
75
50
25
0
–25
–50
DATA RATE (Mbps)
0.1
1
10
20
50
60
70
80
90
100
110
120
130
140
150
Supply Current vs Data Rate
2885 G09
R = 100Ω
R = 54Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com