Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM2886
Description  6500VRMS Isolated RS485/RS422 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 4Page - Analog Devices LTM2886 Datasheet HTML 5Page - Analog Devices LTM2886 Datasheet HTML 6Page - Analog Devices LTM2886 Datasheet HTML 7Page - Analog Devices LTM2886 Datasheet HTML 8Page - Analog Devices LTM2886 Datasheet HTML 9Page - Analog Devices LTM2886 Datasheet HTML 10Page - Analog Devices LTM2886 Datasheet HTML 11Page - Analog Devices LTM2886 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTM2885
8
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VCC = 5.0V, VL = 3.3V unless
otherwise noted.
VCC Supply Current vs Temperature
at ILOAD = 100mA on VCC2
VCC2
200mV/DIV
ILOAD
50mA/DIV
2885 G14
100µs/DIV
10mV/DIV
2885 G15
200µs/DIV
VCC2 Load Step (100mA)
VCC2 Noise
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
50
75
100
125
150
175
200
225
250
275
300
vs Temperature
Available VCC2 Current
2885 G11
R485 = OPEN, C485 = 0pF,
0Mbps, VCM = 0V
R485 = 54Ω, C485 = 500pF,
10Mbps, VCM = –7V
VCC = 5.0V, VCC2 ≥ 4.75V
LOAD CURRENT (mA)
0
50
100
150
200
250
4.0
4.1
4.2
4.3
4.4
4.6
4.7
4.8
4.9
5.0
5.1
VCC2 vs Load Current
2885 G12
VCC= 4.5V
VCC= 5.0V
VCC= 5.5V
LOAD CURRENT (mA)
0
50
100
150
200
250
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
vs Load Current
VCC2 Efficiency and Power Loss
2885 G13
VCC = 4.5V
VCC = 5.0V
VCC = 5.5V
EFFICIENCY
POWER LOSS
RS485 ENABLED AND TERMINATED
NO LOAD
VCC = 4.5V
VCC = 5.0V
VCC = 5.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
10
20
30
40
50
60
70
80
90
100
vs Temperature
2885 G10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com