Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM2886
Description  6500VRMS Isolated RS485/RS422 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 12Page - Analog Devices LTM2886 Datasheet HTML 13Page - Analog Devices LTM2886 Datasheet HTML 14Page - Analog Devices LTM2886 Datasheet HTML 15Page - Analog Devices LTM2886 Datasheet HTML 16Page - Analog Devices LTM2886 Datasheet HTML 17Page - Analog Devices LTM2886 Datasheet HTML 18Page - Analog Devices LTM2886 Datasheet HTML 19Page - Analog Devices LTM2886 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTM2885
16
Rev. B
For more information www.analog.com
PROFIBUS Applications
The LTM2885 can be used in PROFIBUS-DP networks
where isolation is required. The standard PROFIBUS
termination differs from RS485 termination and is shown
in Figure 15. If used in this way, the internal termination
should remain disabled (TE low). The 390Ω resistors in
Figure 15 pre-bias the bus so that when the line is not
driven, the receiver’s output is high.
VCC2, provides an isolated source for the external termina-
tion resistor as shown in the Figure 15. When using the
LTM2885 in PROFIBUS applications, it is recommended
that no additional loads are connected to VCC2 in order to
maintain the specified driver output swing.
• Inputandoutputdecouplingisnotrequired,sincethese
components are integrated within the package. An ad-
ditional bulk capacitor with a value of 6.8µF to 22µF is
recommended. The high ESR of this capacitor reduces
boardresonancesandminimizesvoltagespikescaused
by hot plugging of the supply voltage. For EMI sensitive
applications,anadditionallowESLceramiccapacitorof
1µF to 4.7µF, placed as close to the power and ground
terminals as possible, is recommended. Alternatively, a
numberofsmallervalueparallelcapacitorsmaybeused
to reduce ESL and achieve the same net capacitance.
• Do not place copper on the PCB between the inner col-
umns of pads. This area must remain open to withstand
the rated isolation voltage.
• The use of solid ground planes for GND and GND2
is recommended for non-EMI critical applications to
optimize signal fidelity, thermal performance, and to
minimize RF emissions due to uncoupled PCB trace
conduction. The drawback of using ground planes,
where EMI is of concern, is the creation of a dipole
antennastructurewhichcanradiatedifferentialvoltages
formed between GND and GND2. If ground planes are
used it is recommended to minimize their area, and
use contiguous planes as any openings or splits can
exacerbate RF emissions.
• For large ground planes a small capacitance (≤330pF)
from GND to GND2, either discrete or embedded within
the substrate, provides a low impedance current return
path for the module parasitic capacitance, minimizing
anyhighfrequencydifferentialvoltagesandsubstantially
reducing radiated emissions. Discrete capacitance will
not be as effective due to parasitic ESL. In addition, volt-
age rating, leakage, and clearance must be considered
for component selection. Embedding the capacitance
within the PCB substrate provides a near ideal capacitor
and eliminates component selection issues; however,
the PCB must be 4 layers. Care must be exercised in
applying either technique to insure the voltage rating
of the barrier is not compromised.
APPLICATIONS INFORMATION
Figure 15. PROFIBUS-DP Connections with Termination
PCB Layout
The high integration of the LTM2885 makes PCB layout
very simple. However, to optimize its electrical isolation
characteristics, EMI, and thermal performance, some
layout considerations are necessary.
• Under heavily loaded conditions VCC and GND current
can exceed 300mA. Sufficient copper must be used
on the PCB to insure resistive losses do not cause the
supply voltage to drop below the minimum allowed
level. Similarly, the VCC2 and GND2 conductors must
be sized to support any external load current. These
heavy copper traces will also help to reduce thermal
stress and improve the thermal conductivity.
A
390
5V
220
390
SHIELD
PROFIBUS CABLE
TYPE A
VL
DE
RO
DI
GND
VCC
VCC2
2885 F15
B
Y
Z
TE
PWR
GND2
LTM2885



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com