Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM2886
Description  6500VRMS Isolated RS485/RS422 μModule Transceiver Power
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 9Page - Analog Devices LTM2886 Datasheet HTML 10Page - Analog Devices LTM2886 Datasheet HTML 11Page - Analog Devices LTM2886 Datasheet HTML 12Page - Analog Devices LTM2886 Datasheet HTML 13Page - Analog Devices LTM2886 Datasheet HTML 14Page - Analog Devices LTM2886 Datasheet HTML 15Page - Analog Devices LTM2886 Datasheet HTML 16Page - Analog Devices LTM2886 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTM2885
13
Rev. B
For more information www.analog.com
Overview
TheLTM2885µModuletransceiverprovidesagalvanically-
isolated robust RS485/RS422 interface, powered by an
integrated, regulated DC/DC converter, complete with
decoupling capacitors. A switchable termination resistor
is integrated at the receiver input to provide proper termi-
nation to the RS485 bus. The LTM2885 is ideal for use in
networks where grounds can take on different voltages.
Isolation in the LTM2885 blocks high voltage differences
and eliminates ground loops and is extremely tolerant of
commonmodetransientsbetweengroundpotentials.Error
freeoperationismaintainedthroughcommonmodeevents
greater than 50kV/μs providing excellent noise isolation.
µModule Technology
The LTM2885 utilizes isolator µModule technology to
translate signals and power across an isolation barrier.
Signals on either side of the barrier are encoded into
pulses and translated across the isolation boundary using
coreless transformers formed in the µModule substrate.
This system, complete with data refresh, error checking,
safe shutdown on fail, and extremely high common mode
immunity, provides a robust solution for bidirectional
signal isolation. The µModule technology provides the
means to combine the isolated signaling with our RS485
transceiver and powerful isolated DC/DC converter in one
small package.
DC/DC Converter
The LTM2885 contains a fully integrated isolated DC/DC
converter, including the transformer, so that no external
components are necessary. The logic side contains a full-
bridge driver, running about 2MHz, and is AC-coupled to a
singletransformerprimary.AseriesDCblockingcapacitor
prevents transformer saturation due to driver duty cycle
imbalance. The transformer scales the primary voltage,
which is then rectified by a voltage doubler. This topology
eliminates transformer saturation caused by secondary
imbalances.
The DC/DC converter is connected to a low dropout reg-
ulator (LDO) to provide a regulated low noise 5V output.
The internal power solution is sufficient to support the
transceiver interface at its maximum specified load and
APPLICATIONS INFORMATION
data rate. The logic supplies, VCC and VL have a 2.2µF
decoupling capacitance to GND and the isolated supply
VCC2 has a 2.2µF decoupling capacitance to GND2 within
the µModule package.
VCC2 Output
Theon-boardDC/DCconverterprovidesisolated5Vpower
to output VCC2. VCC2 is capable of suppling up to 1W of
power at 5V. This surplus current is available to external
applications. The amount of surplus current is dependent
upon the implementation and current delivered to the
RS485driverandlineload.Anexampleofavailablesurplus
currentisshownintheTypicalPerformanceCharacteristics
graph, VCC2 Surplus Current vs Temperature. Figure 21
demonstrates a method of using the VCC2 output directly
and with a switched power path that is controlled with the
isolated RS485 data channel.
Driver
The driver provides full RS485 and RS422 compatibility.
When enabled, if DI is high, Y–Z is positive. When the
driver is disabled, both outputs are high impedance with
less than 10µA of leakage current over the entire common
mode range of –7V to 12V, with respect to GND2.
Driver Overvoltage and Overcurrent Protection
The driver outputs are protected from short circuits to
any voltage within the absolute maximum range of (VCC2
–15V) to (GND2 +15V) levels. The maximum VCC2 cur-
rent in this condition is 250mA. If the pin voltage exceeds
about ±10V, current limit folds back to about half of the
peak value to reduce overall power dissipation and avoid
damaging the part.
The device also features thermal shutdown protection
that disables the driver and receiver output in case of
excessive power dissipation (see Note 4 in the Electrical
Characteristics section).
SLO Mode
The LTM2885 features a logic-selectable reduced slew
rate mode (SLO mode) that softens the driver output
edges to reduce EMI emissions from equipment and
data cables. The reduced slew rate mode is entered by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com