Electronic Components Datasheet Search
  English  ▼

X  

LTC2864 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC2864
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2864 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC2864 Datasheet HTML 3Page - Analog Devices LTC2864 Datasheet HTML 4Page - Analog Devices LTC2864 Datasheet HTML 5Page - Analog Devices LTC2864 Datasheet HTML 6Page - Analog Devices LTC2864 Datasheet HTML 7Page - Analog Devices LTC2864 Datasheet HTML 8Page - Analog Devices LTC2864 Datasheet HTML 9Page - Analog Devices LTC2864 Datasheet HTML 10Page - Analog Devices LTC2864 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2862A
7
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Output Short-Circuit
Current vs Voltage
Driver Output Low/High Voltage
vs Output Current
Driver Differential Output Voltage
vs Temperature
Supply Current vs Data Rate
Driver Skew vs Temperature
Driver Propagation Delay vs
Temperature
TA = 25°C, VCC = 3.3V, unless otherwise noted.
Supply Current vs Temperature
Supply Current vs VCC
OUTPUT CURRENT (mA)
0
0.0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
10
20
30
40
2862A G07
50
VOH
VOL
TEMPERATURE (°C)
–50
1.5
1.9
1.7
2.1
2.3
2.5
0
50
100
2862A G08
150
RDIFF = 100
RDIFF = 54
TEMPERATURE (°C)
–50
–1.5
0.0
–0.5
–1.0
0.5
1.0
1.5
0
50
100
2862A G04
150
0
60
40
20
100
80
120
SLEW LIMITED
NON SLEW LIMITED
RDIFF = 54
CL = 100pF
TEMPERATURE (°C)
–50
20
25
30
35
0
50
100
2862A G05
150
700
800
900
1000
SLEW LIMITED
NON SLEW LIMITED
RDIFF = 54
CL = 100pF
VCC (V)
3.0
0
2.0
1.5
1.0
0.5
2.5
3.0
3.5
4.5
3.5
4.0
4.5
5.0
2862A G01
5.5
4.0
ICCTRS
ICCTR
SUPPLY CURRENT (mA)
30
35
0
8
4
12
16
20
40
45
50
55
2862A G03
60
0
100
50
200
150
250
SLEW LIMITED
NON SLEW LIMITED
RDIFF = 54
CL = 100pF
OUTPUT VOLTAGE (V)
–60
–200
0
–50
–100
–150
150
100
50
200
–40
0
–20
20
40
2862A G06
60
OUTPUT LOW
OUTPUT HIGH
TEMPERATURE (°C)
–50
0.1
10
1
100
10000
0
50
100
2862A G02
150
1000
ICCTR
ICCS
ICCTRS
Receiver Output Voltage vs
Output Current (Source and Sink)
OUTPUT CURRENT (ABSOLUTE VALUE) (mA)
0.0
0.0
3.0
2.0
1.0
4.0
5.0
6.0
2.0
4.0
6.0
2862A G09
8.0
VCC = 5.5V
VCC = 3.3V
VCC = 3V TO 5.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com