Electronic Components Datasheet Search
  English  ▼

X  

LTC2864 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC2864
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2864 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC2864 Datasheet HTML 4Page - Analog Devices LTC2864 Datasheet HTML 5Page - Analog Devices LTC2864 Datasheet HTML 6Page - Analog Devices LTC2864 Datasheet HTML 7Page - Analog Devices LTC2864 Datasheet HTML 8Page - Analog Devices LTC2864 Datasheet HTML 9Page - Analog Devices LTC2864 Datasheet HTML 10Page - Analog Devices LTC2864 Datasheet HTML 11Page - Analog Devices LTC2864 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC2862A
8
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VCC = 3.3V, unless otherwise noted.
Transmitter Propagation Delay
vs Temperature (LTC2862A-1)
Transmitter Propagation Delay
vs Temperature (LTC2862A-2)
Failsafe Enter and Exit Delay
vs Temperature (LTC2862A-1)
Failsafe Enter and Exit Delay
vs Temperature (LTC2862A-2)
Receiver Propagation Delay
vs Temperature (LTC2862A-1)
Receiver Propagation Delay
vs Temperature (LTC2862A-2)
tPHLD
tPLHD
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
22
24
26
28
30
32
34
2862A G10
tPHLDS
tPLHDS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
600
620
640
660
680
700
720
740
2862A G11
tPFSN
tPFSX
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
40
50
60
70
80
90
100
2862A G12
tPFSNS
tPFSXS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.6
0.8
1.0
1.2
1.4
1.6
2862A G13
tPLHR
tPHLR
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
40
41
42
43
44
2862A G14
tPHLRS
tPLHRS
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
300
325
350
375
400
425
450
475
2862A G15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com