Electronic Components Datasheet Search
  English  ▼

X  

LTC2864 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC2864
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2864 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC2864 Datasheet HTML 7Page - Analog Devices LTC2864 Datasheet HTML 8Page - Analog Devices LTC2864 Datasheet HTML 9Page - Analog Devices LTC2864 Datasheet HTML 10Page - Analog Devices LTC2864 Datasheet HTML 11Page - Analog Devices LTC2864 Datasheet HTML 12Page - Analog Devices LTC2864 Datasheet HTML 13Page - Analog Devices LTC2864 Datasheet HTML 14Page - Analog Devices LTC2864 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC2862A
11
Rev. A
For more information www.analog.com
DRIVER
DI
CL
CL
A
RDIFF
B
2862A FO4
tSKEWD
1/2 VO
tPLHD
VCC
0V
DI
A, B
(A–B)
tRD
90%
90%
2862A F04b
10%
10%
0
0
tFD
tPHLD
VO
Figure 4. Driver Timing Measurement
DRIVER
CL
RL
RL
A
DE
B
2862A FO5
CL
DI
VCC
OR
GND
1/2 VCC
1/2 VCC
tZLD,
tZLSD
tZHD,
tZHSD
tHZD,
tSHDN
tLZD,
tSHDN
VCC
1/2 VCC
1/2 VCC
VOL
VOH
1/2 VCC
0V
DE
A OR B
B OR A
2862A F05b
375mV
375mV
375mV
375mV
Figure 5. Driver Enable and Disable Timing Measurements
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com