Electronic Components Datasheet Search
  English  ▼

X  

LTC2864 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC2864
Description  ±60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC2864 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC2864 Datasheet HTML 6Page - Analog Devices LTC2864 Datasheet HTML 7Page - Analog Devices LTC2864 Datasheet HTML 8Page - Analog Devices LTC2864 Datasheet HTML 9Page - Analog Devices LTC2864 Datasheet HTML 10Page - Analog Devices LTC2864 Datasheet HTML 11Page - Analog Devices LTC2864 Datasheet HTML 12Page - Analog Devices LTC2864 Datasheet HTML 13Page - Analog Devices LTC2864 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2862A
10
Rev. A
For more information www.analog.com
TEST CIRCUITS
DRIVER
DI
GND
OR
VCC
R
A
B
R
2862A FO1
VOD
+
–
VOC
+
–
DRIVER
DI
GND
OR
VCC
A
B
2862A FO2
IOSD
+–
RECEIVER
B OR A
A OR B
VIN
IIN
2862A FO3
+
–
VIN
RIN =
IIN
Figure 1. Driver DC Characteristics
Figure 2. Driver Output Short-Circuit Current
Figure 3. Receiver Input Current and Input Resistance
BLOCK DIAGRAM
LTC2862A
DRIVER
RECEIVER
2862A BD
GND
* 40kV ESD
ALL OTHER PINS 15kV
DI
DE
RE
RO
250k
VCC
VCC
A*
B*
MODE CONTROL
LOGIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com