Electronic Components Datasheet Search
  English  ▼

X  

TDA4VE Datasheet(PDF) 4 Page - Texas Instruments

Part # TDA4VE
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE Datasheet(HTML) 4 Page - Texas Instruments

  TDA4VE Datasheet HTML 1Page - Texas Instruments TDA4VE Datasheet HTML 2Page - Texas Instruments TDA4VE Datasheet HTML 3Page - Texas Instruments TDA4VE Datasheet HTML 4Page - Texas Instruments TDA4VE Datasheet HTML 5Page - Texas Instruments TDA4VE Datasheet HTML 6Page - Texas Instruments TDA4VE Datasheet HTML 7Page - Texas Instruments TDA4VE Datasheet HTML 8Page - Texas Instruments TDA4VE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 251 page
background image
3.1 Functional Block Diagram
Figure 3-1 is functional block diagram for the device.
MCU_FSS
NAVSS
MSMC
1× A72SS
2MB L2
2× Arm
Cortex-A72
DebugSS
PLLs
20 TIMER
×
CTRL_MMR
10 WWDT
×
RINGACC
Proxy
Spinlock
PSI-L
2 TIMER_MGR
×
DDRSS
2× 32b + in-line
ECC + MFLAG
MCRC
UDMA-P
CPTS
3 INTA
×
2 MCU_ADC
×
(1
2b/4MSPS)
8ch/
2 MCU_MCAN
×
3 MCU_MCSPI
×
1× MCU_UART
2 MCU_I2C
×
MCU Internal Diagnostics
3x MCU_DCC
R5FSS
R5F
R5F
I-cache 32KB
TCM 64KB
D-cache 32KB
I-cache 32KB
TCM 64KB
D-cache 32KB
WKUP_SMS
ROM 160K
M4F
WKUP_PLLCTRL
WKUP_PSC
2× WKUP_GPIO
1× WKUP_UART
1× WKUP_I2C
WKUP/MCU Domain
WKUP_CTRL_MMR
1× WKUP_ESM
1× MCU_CPSW
PSI-L
UDMA-P
Proxy
MCRC
To NAVSS
To MCU NAVSS
MCU_PDMA
INTA
MAIN Domain
1
× MCU_ESM
MCU NAVSS
WKUP_VTM
2 Mailbox
×
Local Interconnect
RINGACC
INTA
INTR
Channelized FW
Channelized FW
AES
SECMGR
Interconnect
intro-001
2 PVU
×
VIRTSS
To CPSW
10× DCC
ESM
2 OSPI
×
2 x 512 KB SRAM
1024KB L3 RAM
10 MCU_TIMER
×
3 MCU_PLL
×
2 MCU_WWDT
×
MCU_CTRL_MMR
512B
t
Scra chpad RAM
2× R5FSS
1 HPB
×
2 Arm
×
Cortex-R5F
TCM 64KB
1 SERDES (4L)
×
1 ATL
×
2 DPHY_TX
×
MUX
DPHY_RX
1× DRU
WKUP_SA2SS
MCU_SA2_UL
AES3DES
DBG
PKA
SHA
WKUP_DMSS_HSM
SecProxy/RA
PKTDMA
PSI-L
+ CMMU
Compression
4MB SRAM with ECC
1× C71SS
512KB L2
1× C71x
DSP+MMA
1 MCU_I3C
×
H.264/H.265
MSMC
1× C71SS
512KB L2
1× C71x
DSP
GPU BSX-64-4
Encode/Decode
MUX
A.
A solid black box indicates the IP is part of the Extended MCU (eMCU).
B.
A dashed black box indicates that some instances of the IP are present in the eMCU and some instances are present in the non-eMCU
portion of the Main Domain.
Figure 3-1. Functional Block Diagram
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com