Electronic Components Datasheet Search
  English  ▼

X  

TDA4VE Datasheet(PDF) 52 Page - Texas Instruments

Part # TDA4VE
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE Datasheet(HTML) 52 Page - Texas Instruments

Back Button TDA4VE Datasheet HTML 48Page - Texas Instruments TDA4VE Datasheet HTML 49Page - Texas Instruments TDA4VE Datasheet HTML 50Page - Texas Instruments TDA4VE Datasheet HTML 51Page - Texas Instruments TDA4VE Datasheet HTML 52Page - Texas Instruments TDA4VE Datasheet HTML 53Page - Texas Instruments TDA4VE Datasheet HTML 54Page - Texas Instruments TDA4VE Datasheet HTML 55Page - Texas Instruments TDA4VE Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 251 page
background image
Table 6-2. Pin Attributes (ALZ Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [13]
PADCFG Address [14]
Signal
Name [3]
Mux
Mode [4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL) [7]
Ball State
AFTER
Reset
(RX/TX/PULL) [8]
Mux
Mode
AFTER
Reset [9]
Power [10]
Voltage
Buffer
Type [11]
IO
RET [12]
AB7
VDDA_1P8_USB
VDDA_1P8_USB
PWR
AA17, AA19
VDDA_1P8_CSIRX0_1
VDDA_1P8_CSIRX0_1
PWR
AA12
VDDA_1P8_SERDES0_1
VDDA_1P8_SERDES0_1
PWR
AB13
VDDA_1P8_SERDES2_4
VDDA_1P8_SERDES2_4
PWR
AB9
VDDA_3P3_USB
VDDA_3P3_USB
PWR
J21
VDDA_ADC0
VDDA_ADC0
PWR
K21
VDDA_ADC1
VDDA_ADC1
PWR
K22
VDDA_MCU_PLLGRP0
VDDA_MCU_PLLGRP0
PWR
J17
VDDA_MCU_TEMP
VDDA_MCU_TEMP
PWR
L21
VDDA_OSC1
VDDA_OSC1
PWR
U18
VDDA_PLLGRP0
VDDA_PLLGRP0
PWR
V19
VDDA_PLLGRP1
VDDA_PLLGRP1
PWR
Y11
VDDA_PLLGRP2
VDDA_PLLGRP2
PWR
N14
VDDA_PLLGRP5
VDDA_PLLGRP5
PWR
R12
VDDA_PLLGRP6
VDDA_PLLGRP6
PWR
R11
VDDA_PLLGRP7
VDDA_PLLGRP7
PWR
K12
VDDA_PLLGRP8
VDDA_PLLGRP8
PWR
T18
VDDA_PLLGRP9
VDDA_PLLGRP9
PWR
Y16
VDDA_PLLGRP10
VDDA_PLLGRP10
PWR
Y18
VDDA_PLLGRP12
VDDA_PLLGRP12
PWR
V12
VDDA_PLLGRP13
VDDA_PLLGRP13
PWR
L20
VDDA_POR_WKUP
VDDA_POR_WKUP
PWR
U19
VDDA_TEMP0
VDDA_TEMP0
PWR
K10
VDDA_TEMP1
VDDA_TEMP1
PWR
T16
VDDA_TEMP2
VDDA_TEMP2
PWR
U10
VDDA_TEMP3
VDDA_TEMP3
PWR
Y14
VDDA_TEMP4
VDDA_TEMP4
PWR
J22
VDDA_WKUP
VDDA_WKUP
PWR
R21, U21,
U22
VDDSHV0
VDDSHV0
PWR
H19, H20
VDDSHV0_MCU
VDDSHV0_MCU
PWR
H16, J16
VDDSHV1_MCU
VDDSHV1_MCU
PWR
M20, R20
VDDSHV2
VDDSHV2
PWR
G18, H18
VDDSHV2_MCU
VDDSHV2_MCU
PWR
M21, N22
VDDSHV5
VDDSHV5
PWR
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
52
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com