Electronic Components Datasheet Search
  English  ▼

X  

TDA4VE Datasheet(PDF) 91 Page - Texas Instruments

Part # TDA4VE
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE Datasheet(HTML) 91 Page - Texas Instruments

Back Button TDA4VE Datasheet HTML 87Page - Texas Instruments TDA4VE Datasheet HTML 88Page - Texas Instruments TDA4VE Datasheet HTML 89Page - Texas Instruments TDA4VE Datasheet HTML 90Page - Texas Instruments TDA4VE Datasheet HTML 91Page - Texas Instruments TDA4VE Datasheet HTML 92Page - Texas Instruments TDA4VE Datasheet HTML 93Page - Texas Instruments TDA4VE Datasheet HTML 94Page - Texas Instruments TDA4VE Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 251 page
background image
Table 6-109. Sysboot Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_BOOTMODE05
I
MCU Bootmode Pin 5
C28
MCU_BOOTMODE06
I
MCU Bootmode Pin 6
B24
MCU_BOOTMODE07
I
MCU Bootmode Pin 7
D25
MCU_BOOTMODE08
I
MCU Bootmode Pin 8
C25
MCU_BOOTMODE09
I
MCU Bootmode Pin 9
C24
6.3.30.2 Clock
Table 6-110. Clock0 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
WKUP_LF_CLKIN
I
Low Frequency (32.768 KHz) Oscillator Input
J27
WKUP_OSC0_XI
I
High Frequency Oscillator Input
H28
WKUP_OSC0_XO
O
High Frequency Oscillator Output
J28
Table 6-111. Clock1 Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
OSC1_XI
I
High Frequency Oscillator Input
M28
OSC1_XO
O
High Frequency Oscillator Output
L28
6.3.30.3 System
Table 6-112. MCU System Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
MCU_CLKOUT0
OZ
Reference clock output for Ethernet PHYs (50MHz or
25MHz)
F25
MCU_EXT_REFCLK0
I
External system clock input
F27, K26
MCU_OBSCLK0
O
Observation clock output for test and debug purposes
only
C26, F25
MCU_PORz
I
MCU Domain Cold Reset
G23
MCU_RESETSTATz
O
MCU Domain Warm Reset status output
A23
MCU_RESETz
I
MCU Domain Warm Reset
A26
MCU_SAFETY_ERRORn
IO
Error signal output from MCU Domain ESM
J23
MCU_SYSCLKOUT0
O
MCU Domain system clock output for test and debug
purposes only
F27
Table 6-113. System Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
AUDIO_EXT_REFCLK0
IO
External clock routed to ATL or McASP as one of the
selectable input clock sources, or as a output clock
output for ATL or McASP
AD24
AUDIO_EXT_REFCLK1
IO
External clock routed to ATL or McASP as one of the
selectable input clock sources, or as a output clock
output for ATL or McASP
Y25
EXTINTn
I
External Interrupt
AG24
EXT_REFCLK1
I
External clock input to Main Domain, routed to Timer
clock muxes as one of the selectable input clock
sources for Timer/WDT modules, or as reference clock
to MAIN_PLL2 (PER1 PLL)
AD28
GPMC0_FCLK_MUX
O
GPMC functional clock output selected through a mux
logic
AD27
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com