Electronic Components Datasheet Search
  English  ▼

X  

TDA4VE Datasheet(PDF) 90 Page - Texas Instruments

Part # TDA4VE
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE Datasheet(HTML) 90 Page - Texas Instruments

Back Button TDA4VE Datasheet HTML 86Page - Texas Instruments TDA4VE Datasheet HTML 87Page - Texas Instruments TDA4VE Datasheet HTML 88Page - Texas Instruments TDA4VE Datasheet HTML 89Page - Texas Instruments TDA4VE Datasheet HTML 90Page - Texas Instruments TDA4VE Datasheet HTML 91Page - Texas Instruments TDA4VE Datasheet HTML 92Page - Texas Instruments TDA4VE Datasheet HTML 93Page - Texas Instruments TDA4VE Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 251 page
background image
Table 6-108. Trace Signal Descriptions (continued)
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
TRC_CTL
O
Trace Control
AC24, V26
TRC_DATA0
O
Trace Data 0
AD24, AE28
TRC_DATA1
O
Trace Data 1
AB26, AF28
TRC_DATA2
O
Trace Data 2
AD25, T26
TRC_DATA3
O
Trace Data 3
R28, W23
TRC_DATA4
O
Trace Data 4
Y27
TRC_DATA5
O
Trace Data 5
R27
TRC_DATA6
O
Trace Data 6
W27
TRC_DATA7
O
Trace Data 7
T27
TRC_DATA8
O
Trace Data 8
V27
TRC_DATA9
O
Trace Data 9
AA27
TRC_DATA10
O
Trace Data 10
AB27
TRC_DATA11
O
Trace Data 11
W28
TRC_DATA12
O
Trace Data 12
Y26
TRC_DATA13
O
Trace Data 13
AC27
TRC_DATA14
O
Trace Data 14
AC28
TRC_DATA15
O
Trace Data 15
AA26
TRC_DATA16
O
Trace Data 16
U28
TRC_DATA17
O
Trace Data 17
Y25
TRC_DATA18
O
Trace Data 18
U26
TRC_DATA19
O
Trace Data 19
AA28
TRC_DATA20
O
Trace Data 20
AD27
TRC_DATA21
O
Trace Data 21
Y24
TRC_DATA22
O
Trace Data 22
AA23
TRC_DATA23
O
Trace Data 23
Y28
TRC_DATA24
O
Trace Data 24
AB24
TRC_DATA25
O
Trace Data 25
V23
6.3.30 System and Miscellaneous
6.3.30.1 Boot Mode configuration
Table 6-109. Sysboot Signal Descriptions
SIGNAL NAME
PIN TYPE
DESCRIPTION
ALZ PIN
BOOTMODE00
I
Bootmode Pin 0
C19
BOOTMODE01
I
Bootmode Pin 1
F16
BOOTMODE02
I
Bootmode Pin 2
E19
BOOTMODE03
I
Bootmode Pin 3
G19
BOOTMODE04
I
Bootmode Pin 4
G27
BOOTMODE05
I
Bootmode Pin 5
J26
BOOTMODE06
I
Bootmode Pin 6
G25
BOOTMODE07
I
Bootmode Pin 7
J27
MCU_BOOTMODE00
I
MCU Bootmode Pin 0
B27
MCU_BOOTMODE01
I
MCU Bootmode Pin 1
D24
MCU_BOOTMODE02
I
MCU Bootmode Pin 2
B25
MCU_BOOTMODE03
I
MCU Bootmode Pin 3
D26
MCU_BOOTMODE04
I
MCU Bootmode Pin 4
E24
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
www.ti.com
90
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com