Electronic Components Datasheet Search
  English  ▼

X  

TDA4VE Datasheet(PDF) 139 Page - Texas Instruments

Part # TDA4VE
Description  TDA4VE TDA4AL TDA4VL Jacinto™ Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VE Datasheet(HTML) 139 Page - Texas Instruments

Back Button TDA4VE Datasheet HTML 135Page - Texas Instruments TDA4VE Datasheet HTML 136Page - Texas Instruments TDA4VE Datasheet HTML 137Page - Texas Instruments TDA4VE Datasheet HTML 138Page - Texas Instruments TDA4VE Datasheet HTML 139Page - Texas Instruments TDA4VE Datasheet HTML 140Page - Texas Instruments TDA4VE Datasheet HTML 141Page - Texas Instruments TDA4VE Datasheet HTML 142Page - Texas Instruments TDA4VE Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 251 page
background image
7.10.4 Clock Specifications
7.10.4.1 Input and Output Clocks / Oscillators
Various external clock inputs/outputs are needed to drive the device. Summary of these input clock signals is as
follows:
• High frequency oscillators inputs
– OSC1_XO/OSC1_XI — external main crystal interface pins connected to internal oscillator which sources
reference clock. Provides reference clock to PLLs within MCU domain and MAIN domain. This high-
frequency oscillator is used to provide audio clock frequencies to MCASPs.
– WKUP_OSC0_XO/WKUP_OSC0_XI — external main crystal interface pins connected to internal
oscillator which sources reference clock. Provides reference clock to PLLs within WKUP and MAIN
domain.
• Low frequency digital input
– WKUP_LF_CLKIN - Low Frequency 32k digital clock input, optionally sourced from an external PMIC or
other clock source. This SoC does not support a LFOSC crystal input.
• General purpose clock inputs
– MCU_EXT_REFCLK0 - optional external System clock input (MCU domain).
– EXT_REFCLK1 — optional external System clock input (MAIN domain).
• Peripheral clocks - refer to the Signal Descriptions for peripheral specific clocks
•
For more information about Input clock interfaces, see Clocking section in Device Configuration chapter in the
device TRM.
7.10.4.1.1 WKUP_OSC0 Internal Oscillator Clock Source
Figure 7-23 shows the recommended crystal circuit. All discrete components used to implement the oscillator
circuit should be placed as close as possible to the WKUP_OSC0_XI and WKUP_OSC0_XO pins.
Device
WKUP_OSC0_XO
WKUP_OSC0_XI
C
f1
Crystal
Rd
C
f2
(Optional)
J7ES_WKUP_OSC_INT_02
Rbias
(Optional)
PCB Ground
Figure 7-23. WKUP_OSC0 Crystal Implementation
The crystal must be in the fundamental mode of operation and parallel resonant. Table 7-21 summarizes the
required electrical constraints.
Table 7-21. WKUP_OSC0 Crystal Electrical Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
Fxtal
Crystal Parallel Resonance Frequency
19.2, 20, 24, 25, 26, 27
MHz
www.ti.com
TDA4VE-Q1, TDA4AL-Q1, TDA4VL-Q1
SPRSP62 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
139
Product Folder Links: TDA4VE-Q1 TDA4AL-Q1 TDA4VL-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com