Electronic Components Datasheet Search
  English  ▼

X  

HV2621 Datasheet(PDF) 23 Page - Microchip Technology

Part # HV2621
Description  300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2621 Datasheet(HTML) 23 Page - Microchip Technology

Back Button HV2621 Datasheet HTML 18Page - Microchip Technology HV2621 Datasheet HTML 19Page - Microchip Technology HV2621 Datasheet HTML 20Page - Microchip Technology HV2621 Datasheet HTML 21Page - Microchip Technology HV2621 Datasheet HTML 22Page - Microchip Technology HV2621 Datasheet HTML 23Page - Microchip Technology HV2621 Datasheet HTML 24Page - Microchip Technology HV2621 Datasheet HTML 25Page - Microchip Technology HV2621 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006082A-page 23
HV2621/HV2721/HV2722
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
/XX
Package
Device
Device:
HV2621: 300V, Low-Charge Injection 16-Channel High-
Voltage Analog Switch
HV2721: 300V, Low-Charge Injection 16-Channel High-
Voltage Analog Switch with Bleed Resistor at Both
Sides of Switch
HV2722: 300V, Low-Charge Injection 16-Channel High-
Voltage Analog Switch with Bleed Resistor at One
Side of Switch
Package:
R4X=
Very Thin Plastic Quad Flat Pack, No Lead Package
– 9x9x0.9 mm Body, 64-Lead (QFN)
Examples:
a)
HV2621/R4X: 16-Channel High-Voltage Analog
Switch, 64-lead QFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com