Electronic Components Datasheet Search
  English  ▼

X  

HV2621 Datasheet(PDF) 4 Page - Microchip Technology

Part # HV2621
Description  300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2621 Datasheet(HTML) 4 Page - Microchip Technology

  HV2621 Datasheet HTML 1Page - Microchip Technology HV2621 Datasheet HTML 2Page - Microchip Technology HV2621 Datasheet HTML 3Page - Microchip Technology HV2621 Datasheet HTML 4Page - Microchip Technology HV2621 Datasheet HTML 5Page - Microchip Technology HV2621 Datasheet HTML 6Page - Microchip Technology HV2621 Datasheet HTML 7Page - Microchip Technology HV2621 Datasheet HTML 8Page - Microchip Technology HV2621 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
HV2621/HV2721/HV2722
DS20006082A-page 4
 2019 Microchip Technology Inc.
Quiescent VPP Supply Current
IPPQ
—10
50
μA
All switches off
Quiescent VNN Supply Current
INNQ
—10
50
μA
Quiescent VPP Supply Current
IPPQ
—10
50
μA
All switches on, ISW = 5.0 mA
Quiescent VNN Supply Current
INNQ
—10
50
μA
Switch Output Peak Current
ISW
2.0
3.0
—
A
VSIG duty cycle <0.1% (Note 1)
Output Switching Frequency
fSW
—
—
50
kHz
Duty cycle = 50% (Note 1)
Average VPP Supply Current
IPP
——
3
mA
VPP =+60V,
VNN = -240V
All output
switches are
turning on and off
at 10 kHz with no
load
——
4
mA
VPP = +150V,
VNN = -150V
—
—
—
6
mA
VPP = +260V,
VNN =-40V
Average VNN Supply Current
INN
——
3
mA
VPP =+60V,
VNN = -240V
All output
switches are
turning on and off
at 10 kHz with no
load
——
4
mA
VPP = +150V,
VNN = -150V
—
—
—
6
mA
VPP = +260V,
VNN =-40V
Average VDD Supply Current
IDD
——
4
mA
fCLK =5 MHz, fDIN=2.5 MHz
Quiescent VDD Supply Current
IDDQ
——
10
μA
All logic inputs are static
Data Out Source Current
ISOR
8
——
mA
VOUT = VDD -0.7V
Data Out Sink Current
ISINK
12
——
mA
VOUT = 0.7V
Logic Input Capacitance
CIN
—
—
10
pF
Note 2
Note 1:
Specification is obtained by characterization and is not 100% tested.
2:
Design guidance only.
AC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VPP = +150V, VNN = -150V, VDD = 5.0V, tR =tF ≤ 5.0 ns, 50% duty cycle, CLOAD =20pF,
TA =25°C, Boldface specifications apply over the full operating temperature range.
Sym.
Sym.
Min.
Typ.
Max. Units
Conditions/Comments
Setup Time before LE rises
tSD
25
——
ns
Note 1
Time Width of LE
tWLE
56
——
ns
VDD = 3.3V (Note 1)
12
——
ns
VDD = 5.0V (Note 1)
Clock Delay Time to Data Out
tDO
-—
45
ns
VDD = 3.3V
-—
25
ns
VDD = 5.0V
Time Width of CLR
tWCLR
55
——
ns
Note 1
Setup Time Data to Clock
tSU
7
——
ns
VDD = 3.3V (Note 1)
7
——
ns
VDD = 5.0V (Note 1)
Hold Time Data from Clock
tH
4
——
ns
VDD = 3.3V (Note 1)
3.5
ns
VDD = 5.0V (Note 1)
DC ELECTRICAL CHARACTERISTICS (CONTINUED)
Unless otherwise specified, VPP = +150V, VNN = -150V, VDD = 5.0V, TA =25°C. Boldface specifications apply over
the full operating temperature range.
Parameter
Sym.
Min.
Typ.
Max. Units
Conditions/Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com