Electronic Components Datasheet Search
  English  ▼

X  

HV2621 Datasheet(PDF) 16 Page - Microchip Technology

Part # HV2621
Description  300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2621 Datasheet(HTML) 16 Page - Microchip Technology

Back Button HV2621 Datasheet HTML 12Page - Microchip Technology HV2621 Datasheet HTML 13Page - Microchip Technology HV2621 Datasheet HTML 14Page - Microchip Technology HV2621 Datasheet HTML 15Page - Microchip Technology HV2621 Datasheet HTML 16Page - Microchip Technology HV2621 Datasheet HTML 17Page - Microchip Technology HV2621 Datasheet HTML 18Page - Microchip Technology HV2621 Datasheet HTML 19Page - Microchip Technology HV2621 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
HV2621/HV2721/HV2722
DS20006082A-page 16
 2019 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Product Code or Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information. Package may or may not include
the corporate logo.
3
e
3
e
64-Pin QFN (9 x 9 mm)
Example
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
PIN 1
PIN 1
HV2621
1826256
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com