Electronic Components Datasheet Search
  English  ▼

X  

HV2621 Datasheet(PDF) 11 Page - Microchip Technology

Part # HV2621
Description  300V, Low-Charge Injection, 16-Channel, High-Voltage Analog Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HV2621 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HV2621 Datasheet HTML 7Page - Microchip Technology HV2621 Datasheet HTML 8Page - Microchip Technology HV2621 Datasheet HTML 9Page - Microchip Technology HV2621 Datasheet HTML 10Page - Microchip Technology HV2621 Datasheet HTML 11Page - Microchip Technology HV2621 Datasheet HTML 12Page - Microchip Technology HV2621 Datasheet HTML 13Page - Microchip Technology HV2621 Datasheet HTML 14Page - Microchip Technology HV2621 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2019 Microchip Technology Inc.
DS20006082A-page 11
HV2621/HV2721/HV2722
3.0
TEST CIRCUIT EXAMPLES
This section details a few example of test circuits.
FIGURE 3-1:
Switch Off Leakage per
Switch.
FIGURE 3-2:
DC Offset Switch On/Off.
FIGURE 3-3:
TON/TOFF Test Circuit.
FIGURE 3-4:
Off Isolation.
FIGURE 3-5:
Switch Crosstalk.
I
FIGURE 3-6:
Isolation Diode Current.
V
PP -1
V
RGND
Open
V
PP
5V
V
NN
VPP
VNN
VDD
Open
I
SOL
GND
RGND
V
PP
5V
V
NN
VPP
VNN
VDD
GND
V
OUT
R
LOAD
RGND
5V
GND
V
PP -1
V
0kΩ
V
OUT
R
LOAD
V
PP
V
NN
VPP
VNN
VDD
RGND
K
O = 20Log
V
OUT
V
IN
V
IN = 10VP-P
@5MHz
5V
GND
V
OUT
R
LOAD
V
PP
V
NN
VPP
VNN
VDD
RGND
V
IN = 10VP-P
@5MHz
NC
5V
GND
50Ω
50Ω
V
PP
V
NN
VPP
VNN
VDD
K
CR = 20Log
V
OUT
V
IN
RGND
I
ID
5V
GND
V
NN
V
SIG
V
PP
V
NN
VPP
VNN
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com