Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0075 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MAAPSS0075
Description  Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0075 Datasheet(HTML) 1 Page - Tyco Electronics

  MAAPSS0075 Datasheet HTML 1Page - Tyco Electronics MAAPSS0075 Datasheet HTML 2Page - Tyco Electronics MAAPSS0075 Datasheet HTML 3Page - Tyco Electronics MAAPSS0075 Datasheet HTML 4Page - Tyco Electronics MAAPSS0075 Datasheet HTML 5Page - Tyco Electronics MAAPSS0075 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Linear Power Amplifier
2.4 - 2.5 GHz, 802.11b/g
MAAPSS0075
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
1
RoHS
Compliant
Features
• Ideal for 802.11b/g
• +26 dBm P1dB Typical at 3.3 V
• 29.5 dB Gain Typical
• 802.11b compliant to 23 dBm P
OUT
• 802.11g compliant to 19 dBm P
OUT
• Micro-Amp Shutdown
• Integrated Detector
• SiGe Process: Lowest Cost Solution
• Operates from 1.5 V to 4.0 V
• Lead-Free 3 mm 12-Lead PQFN Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant 260°C Reflow Compatible
Description
The MAAPSS0075 is a three stage power
amplifier,
designed
for
2.4
GHz
linear
applications. This power amplifier is available
in a lead free 3 mm 12-lead PQFN plastic
package. The MAAPSS0075 also features an
integrated power detector.
Functional Schematic
Pin Configuration
2. The exposed pad centered on the package bottom must be
connected to RF and DC ground.
Ordering Information
1
Part Number
Package
MAAPSS0075TR
1000 piece reel
MAAPSS0075TR-3000
3000 piece reel
MAAPSS0075SMB
Sample Test Board
(Includes 5 Samples)
1.
Reference Application Note M513 for reel size information.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Pin
No.
Pin Name
Description
1
RFIN
RF Input
2
N/C
No Connect
3
VEN1,2
Power Enable
4
VEN3
Power Enable
5
DETOUT
Detector Output
6
DETIN
Detector Input
7
RFOUT / VCC3
RF Output, 3rd Stage Supply
8
RFOUT / VCC3
RF Output, 3rd Stage Supply
9
RFOUT / VCC3
RF Output, 3rd Stage Supply
10
VCC2
2nd Stage Supply
11
N/C
No Connect
12
VCC1
1st Stage Supply
Pad
Paddle
2
RF & DC Ground
RFOUT/VCC3
N/C
N/C
RFIN
VEN1,2
VEN3
DETOUT
DETIN
RFOUT/VCC3
RFOUT/VCC3
VCC2
VCC1


Similar Part No. - MAAPSS0075

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
Linear Power Amplifier
MAAPSS0075SMB MA-COM-MAAPSS0075SMB Datasheet
179Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAPSS0075TR MA-COM-MAAPSS0075TR Datasheet
179Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAPSS0075TR-3000 MA-COM-MAAPSS0075TR-3000 Datasheet
179Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
More results

Similar Description - MAAPSS0075

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA2453 FAIRCHILD-RMPA2453 Datasheet
299Kb / 10P
2.4-2.5 GHz InGaP HBT Linear Power Amplifier
logo
List of Unclassifed Man...
AP1093 ETC1-AP1093 Datasheet
304Kb / 7P
2.4~2.5 GHz Power Amplifier
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
RFSP2023 ANADIGICS-RFSP2023 Datasheet
264Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
04/2005
logo
Tyco Electronics
MAAP-008015 MACOM-MAAP-008015 Datasheet
207Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
M/A-COM Technology Solu...
MAAPSS0075 MA-COM-MAAPSS0075 Datasheet
179Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
MAAP-008516 MA-COM-MAAP-008516 Datasheet
234Kb / 6P
Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224_12 Datasheet
386Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
logo
Microchip Technology
SST12LP15B MICROCHIP-SST12LP15B Datasheet
469Kb / 28P
2.4 GHz WLAN 802.11b,g,n, 256 QAM Power Amplifier
07/15
SST12CP33 MICROCHIP-SST12CP33 Datasheet
250Kb / 17P
2.4 GHz WLAN Power Amplifier, 802.11b/g/n/256 QAM
01/27/15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com