Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0075 Datasheet(PDF) 5 Page - Tyco Electronics

Part # MAAPSS0075
Description  Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0075 Datasheet(HTML) 5 Page - Tyco Electronics

  MAAPSS0075 Datasheet HTML 1Page - Tyco Electronics MAAPSS0075 Datasheet HTML 2Page - Tyco Electronics MAAPSS0075 Datasheet HTML 3Page - Tyco Electronics MAAPSS0075 Datasheet HTML 4Page - Tyco Electronics MAAPSS0075 Datasheet HTML 5Page - Tyco Electronics MAAPSS0075 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Linear Power Amplifier
2.4 - 2.5 GHz, 802.11b/g
MAAPSS0075
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
5
RoHS
Compliant
Spectral Mask for 802.11b, POUT = 23 dBm
VDET vs. POUT over Temperature at 2.45 GHz
Current vs. POUT over Temperature at 2.45 GHz
P1dB at 2.45 GHz
Typical Performance Curves: VCC = 3.3 V, VEN = 3.0 V
Harmonics vs. PIN at 2.45 GHz
EVM vs. POUT , OFDM, QAM-64, 54 Mbps
26
27
28
29
30
31
0
6
12
18
24
30
P
OUT
(dBm)
-80
-60
-40
-20
0
2.45
2.47
2.50
2.52
2.55
Frequency (GHz)
-30 dBc
-50 dBc
0.0
0.50
1.0
1.5
2.0
8.0
11
151822
25
Vdet @ +25ºC
Vdet @ -20ºC
Vdet @ +85ºC
Pout (dBm)
30
35
40
45
50
55
-20
-15
-10
-5
0
2fo (dBc)
3fo (dBc)
Pin (dBm)
0
100
200
300
400
500
600
0
5
10
15
20
25
30
Current @ +25ºC
Current @ -20ºC
Current @ +85ºC
Pout (dBm)
0
1
2
3
4
5
6
0
5
10
15
20
Pout (dBm)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com