Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0075 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAAPSS0075
Description  Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0075 Datasheet(HTML) 2 Page - Tyco Electronics

  MAAPSS0075 Datasheet HTML 1Page - Tyco Electronics MAAPSS0075 Datasheet HTML 2Page - Tyco Electronics MAAPSS0075 Datasheet HTML 3Page - Tyco Electronics MAAPSS0075 Datasheet HTML 4Page - Tyco Electronics MAAPSS0075 Datasheet HTML 5Page - Tyco Electronics MAAPSS0075 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Linear Power Amplifier
2.4 - 2.5 GHz, 802.11b/g
MAAPSS0075
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
2
RoHS
Compliant
Electrical Specifications: F = 2.4 GHz, VCC = 3.3 V, VEN = 3.0 V, TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max
Gain
dB
27.5
29.5
31.5
Input VSWR
:1
1.6
Forward Isolation
dB
40
P1dB
dBm
26
Supply Voltage
VCC1, VCC2, VCC3
V
3.3
Bias Voltage
VEN
V
3
Current
Idle
POUT = 19 dBm
POUT = 23 dBm
mA
mA
mA
100
185
275
150
220
300
Off Current
VEN = 0 V
µA
3
20
Control Current
VEN Current
mA
3
Harmonics
2fo
3fo
dBc
dBc
-37
-52
Duty Cycle
%
100
Linear Output Power
DSS source; compliance with 802.11b
EVM=3.5%, OFDM, QAM-64, 54 Mbps
dBm
dBm
23
19
Detector Output
POUT = 19 dBm
mV
780
Stability
+1.8 V < VCC < +3.6 V, VSWR < 6.0:1, -20°C < TC <
+85ºC, RBW = 3 MHz max hold
All spurs < -60 dBc
Ruggedness
+1.8V < VCC < +3.6 V, POUT < +23 dBm, VSWR < 6:1
No permanent damage
Detector Sensitivity
Up to POUT = 19 dBm
mV/dB
70
Parameter
Absolute Maximum
Input Power
+ 5 dBm
Operating Supply Voltage
+4.0 Volts
Operating Control Voltage
+3.0 Volts
Operating Temperature
-20°C to +85°C
Channel Temperature
+150°C
Storage Temperature
-40°C to +150°C
3.
Exceeding any one or combination of these limits may cause
permanent damage to this device.
4.
M/A-COM does not recommend sustained operation near
these survivability limits.
Absolute Maximum Ratings
3,4
Operating the MAAPSS0075
The MAAPSS0075 is static sensitive. Please handle with
care. To operate the device, follow these steps.
1. Apply VCC (3.3 V).
2. Apply VEN (3.0 V).
3. Set Pin.
4. Turn off in reverse order with VCC last.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com