Electronic Components Datasheet Search
  English  ▼

X  

MAAPSS0075 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAPSS0075
Description  Linear Power Amplifier 2.4 - 2.5 GHz, 802.11b/g
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAPSS0075 Datasheet(HTML) 4 Page - Tyco Electronics

  MAAPSS0075 Datasheet HTML 1Page - Tyco Electronics MAAPSS0075 Datasheet HTML 2Page - Tyco Electronics MAAPSS0075 Datasheet HTML 3Page - Tyco Electronics MAAPSS0075 Datasheet HTML 4Page - Tyco Electronics MAAPSS0075 Datasheet HTML 5Page - Tyco Electronics MAAPSS0075 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Linear Power Amplifier
2.4 - 2.5 GHz, 802.11b/g
MAAPSS0075
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1
4
RoHS
Compliant
S11 vs. Frequency
S21 vs. Frequency
S22 vs. Frequency
S11 vs. Frequency (2.4 GHz - 2.5 GHz)
Typical Performance Curves: VCC = 3.3 V, VEN = 3.0 V, over Temperature
S22 vs. Frequency (2.4 GHz - 2.5 GHz)
S21 vs. Frequency (2.4 GHz - 2.5 GHz)
-35
-30
-25
-20
-15
-10
-5
0
5
2.40
2.42
2.44
2.46
2.48
2.50
S11@ +25ºC
S11@ -40ºC
S11@ +85ºC
Frequency (GHz)
-35
-30
-25
-20
-15
-10
-5
0
5
1.00
2.00
3.00
4.00
5.00
6.00
S11@ +25ºC
S11@ -40ºC
S11@ +85ºC
Frequency (GHz)
-80
-60
-40
-20
0
20
40
12
3456
S21@ +25ºC
S21@ -40ºC
S21@ +85ºC
Frequency (GHz)
-20
-15
-10
-5
0
2.40
2.42
2.44
2.46
2.48
2.50
S22@ +25ºC
S22@ -20ºC
S22@ +85ºC
Frequency (GHz)
-25
-20
-15
-10
-5
0
1
2345
6
S22@ +25ºC
S22@ -20ºC
S22@ +85ºC
Frequency (GHz)
20
25
30
35
40
2.4
2.42
2.44
2.46
2.48
2.5
S21@ +25ºC
S21@ -40ºC
S21@ +85ºC
Frequency (GHz)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com