Electronic Components Datasheet Search
  English  ▼

X  

TSL261 Datasheet(PDF) 3 Page - Texas Instruments

Part # TSL261
Description  IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSL261 Datasheet(HTML) 3 Page - Texas Instruments

  TSL261 Datasheet HTML 1Page - Texas Instruments TSL261 Datasheet HTML 2Page - Texas Instruments TSL261 Datasheet HTML 3Page - Texas Instruments TSL261 Datasheet HTML 4Page - Texas Instruments TSL261 Datasheet HTML 5Page - Texas Instruments TSL261 Datasheet HTML 6Page - Texas Instruments TSL261 Datasheet HTML 7Page - Texas Instruments TSL261 Datasheet HTML 8Page - Texas Instruments TSL261 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TSL260, TSL261, TSL262
IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
SOES008A – DECEMBER 1992 – REVISED FEBRUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5–3
operating characteristics at TA = 25°C (see Figure 1)
PARAMETER
TEST CONDITIONS
TSL260
TSL261
TSL262
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tr
Output pulse rise time
VDD = 5 V,
λp = 940 nm
360
90
7
µs
tf
Output pulse fall time
VDD = 5 V,
λp = 940 nm
360
90
7
µs
Vn
Output noise voltage
VDD = 5 V,
f = 20 Hz
0.6
0.5
0.4
µV/√Hz
PARAMETER MEASUREMENT INFORMATION
VOLTAGE WAVEFORM
TEST CIRCUIT
Input
Ee
10%
90%
Output
(see Note B)
tr
TSL26x
RL
VDD
2
1
3
+
–
Output
Pulse
Generator
IRED
(see Note A)
tf
90%
10%
NOTES: A. The input irradiance is supplied by a pulsed GaAs infrared-emitting diode with the following characteristics:
λp = 940 nm, tr < 1 µs,
tf < 1 µs.
B. The output waveform is monitored on an oscilloscope with the following characteristics: tr < 100 ns, Zi ≥ 1 MHz, Ci ≤ 20 pF.
Figure 1. Switching Times
TYPICAL CHARACTERISTICS
0.4
0
600
700
800
900
PHOTODIODE SPECTRAL RESPONSE
1
1100
0.8
0.6
0.2
λ – Wavelength – nm
TA = 25°C
0.01
0.1
1
10
100
OUTPUT VOLTAGE
vs
IRRADIANCE
0.1
1
10
Ee – Irradiance – µW/cm2
TSL260
0.5
0.9
0.7
0.3
0.1
1000
VDD = 5 V
λp = 940 nm
No Load
TA = 25°C
TSL261
TSL262
1000
Figure 2
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com