Electronic Components Datasheet Search
  English  ▼

X  

TSL261 Datasheet(PDF) 5 Page - Texas Instruments

Part # TSL261
Description  IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TSL261 Datasheet(HTML) 5 Page - Texas Instruments

  TSL261 Datasheet HTML 1Page - Texas Instruments TSL261 Datasheet HTML 2Page - Texas Instruments TSL261 Datasheet HTML 3Page - Texas Instruments TSL261 Datasheet HTML 4Page - Texas Instruments TSL261 Datasheet HTML 5Page - Texas Instruments TSL261 Datasheet HTML 6Page - Texas Instruments TSL261 Datasheet HTML 7Page - Texas Instruments TSL261 Datasheet HTML 8Page - Texas Instruments TSL261 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TSL260, TSL261, TSL262
IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
SOES008A – DECEMBER 1992 – REVISED FEBRUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5–5
APPLICATION INFORMATION
NOTE A: Pullup resistor extends linear output range to near VDD with minimal (several millivolts typical) effect on VDARK; particularly useful
at low VDD (3 V to 5 V).
TSL26x
Sensor
Output
RP = 100 kΩ
VDD
2
3
1
Figure 7. Pullup for Increased VOM
† OPTEK part number
TSL261
Sensor
Output
50-k
Ω
Threshold
5 V
2
3
1
+
–
100
Ω
OP240†
5 V
4
5 V
4.7 k
Ω
10 k
Ω
15 k
Ω
LM393
1
8
3
2
15 k
Ω
NOTE A: Output goes high when beam is interrupted; working distance is several inches or less. Intended for use as optical-interrupter switch
or reflective-object sensor.
Figure 8. Short-Range Optical Switch With Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com